Electronic Components Datasheet Search
  English  ▼

X  

MCP1642D Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP1642D
Description  1.8A Input Current Switch, 1 MHz Low-Voltage Start-Up Synchronous Boost Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1642D Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP1642D Datasheet HTML 4Page - Microchip Technology MCP1642D Datasheet HTML 5Page - Microchip Technology MCP1642D Datasheet HTML 6Page - Microchip Technology MCP1642D Datasheet HTML 7Page - Microchip Technology MCP1642D Datasheet HTML 8Page - Microchip Technology MCP1642D Datasheet HTML 9Page - Microchip Technology MCP1642D Datasheet HTML 10Page - Microchip Technology MCP1642D Datasheet HTML 11Page - Microchip Technology MCP1642D Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
MCP1642B/D
DS20005253A-page 8
 2014 Microchip Technology Inc.
Note: Unless otherwise indicated, VIN =EN= 1.2V, COUT =CIN =10µF, L = 4.7µH, VOUT =3.3V, ILOAD =15mA,
TA = +25°C (MCP1642B/D-ADJ, MSOP-8 package).
FIGURE 2-7:
Maximum IOUT vs. VIN.
FIGURE 2-8:
3.3V VOUT vs. VIN.
FIGURE 2-9:
3.3V VOUT Minimum
Start-Up and Shutdown VIN into Resistive Load
vs. IOUT.
FIGURE 2-10:
5.0V VOUT Minimum
Start-Up and Shutdown VIN into Resistive Load
vs. IOUT.
FIGURE 2-11:
fSW vs. Ambient
Temperature.
FIGURE 2-12:
PWM Pulse-Skipping Mode
Threshold vs. IOUT.
0
200
400
600
800
1000
1200
1400
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
4.4
V
IN (V)
V
OUT = 3.3V
V
OUT = 2.0V
V
OUT = 5.0V
T
A = +25°C
T
A = +85°C
3.290
3.292
3.294
3.296
3.298
3.300
3.302
3.304
0.8
1
1.2 1.4 1.6 1.8
2
2.2 2.4 2.6 2.8
3
V
IN (V)
T
A =-40°C
I
OUT = 15 mA
T
A =
25°C
T
A =
85°C
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0
20406080
100
I
OUT (mA)
Start-up
Shutdown
V
OUT = 3.3V
0.30
0.50
0.70
0.90
1.10
1.30
1.50
0
20406080
100
I
OUT (mA)
Start-up
Shutdown
V
OUT = 5.0V
988
992
996
1000
1004
-40
-25
-10
5
20
35
50
65
80
Ambient Temperature (°C)
V
OUT = 3.3V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
5
10
15
20
25
I
OUT (mA)
V
OUT = 3.3V
V
OUT = 5.0V
V
OUT = 2.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com