Electronic Components Datasheet Search
  English  ▼

X  

MCP1642D Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP1642D
Description  1.8A Input Current Switch, 1 MHz Low-Voltage Start-Up Synchronous Boost Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1642D Datasheet(HTML) 4 Page - Microchip Technology

  MCP1642D Datasheet HTML 1Page - Microchip Technology MCP1642D Datasheet HTML 2Page - Microchip Technology MCP1642D Datasheet HTML 3Page - Microchip Technology MCP1642D Datasheet HTML 4Page - Microchip Technology MCP1642D Datasheet HTML 5Page - Microchip Technology MCP1642D Datasheet HTML 6Page - Microchip Technology MCP1642D Datasheet HTML 7Page - Microchip Technology MCP1642D Datasheet HTML 8Page - Microchip Technology MCP1642D Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
MCP1642B/D
DS20005253A-page 4
 2014 Microchip Technology Inc.
Quiescent Current –
PWM Mode
IQPWM
—
400
500
µA
Measured at VOUT, EN = VIN,
IOUT =0 mA, Note 3
Quiescent Current –
Shutdown
IQSHDN
—1
—
µA
VOUT = EN = GND, IOUT = 0 mA
includes N-Channel and
P-Channel Switch Leakage
NMOS Switch Leakage
INLK
—0.5
—
µA
VIN =VSW =5V,
VOUT =5.5V,
VEN =VFB =GND
PMOS Switch Leakage
IPLK
—0.2
—
µA
VIN =VSW = GND,
VOUT =5.5V
NMOS Switch
ON Resistance
RDS(ON)N
—0.15
—
VIN = 3.3V, ISW =250 mA, Note 5
PMOS Switch
ON Resistance
RDS(ON)P
—0.3
—
VIN = 3.3V, ISW =250 mA, Note 5
NMOS Peak
Switch Current Limit
IN(MAX)
—1.8
—
A
Note 5
Accuracy
VFB%
-3
—
3
%
MCP1642B/D-ADJ, VIN =1.2V
VOUT%
-3
—
3
%
MCP1642B/D-18, VIN =1.2V
-3
—
3
%
MCP1642B/D-30, VIN =1.2V
-3
—
3
%
MCP1642B/D-33, VIN =1.2V
-3
—
3
%
MCP1642B/D-50, VIN =2.5V
Line Regulation
V
FB/VFB)
/
V
IN|
-0.5
0.01
0.5
%/V
MCP1642B/D-ADJ,
VIN = 1.5V to 3.0V, IOUT =25mA
V
OUT/VOUT)
/
V
IN|
-0.5
0.05
0.5
%/V
MCP1642B/D-18,
VIN = 1.0V to 1.5V, IOUT =25mA
-0.5
0.01
0.5
%/V
MCP1642B/D-30,
VIN = 1.5V to 2.5V, IOUT =25mA
-0.5
0.01
0.5
%/V
MCP1642B/D-33,
VIN = 1.5V to 3.0V, IOUT =25mA
-0.5
0.01
0.5
%/V
MCP1642B/D-50,
VIN = 2.5V to 4.2V, IOUT =25mA
Load Regulation
V
FB/VFB|
-1.5
0.05
1.5
%
IOUT =25mA to 150mA,
VIN =1.5V
V
OUT/VOUT|
-1.5
0.1
1.5
%
MCP1642B/D-18, VIN =1.5V,
IOUT = 25 mA to 75 mA
-1.5
0.1
1.5
%
MCP1642B/D-30, VIN =1.5V,
IOUT =25mA to 125mA
-1.5
0.1
1.5
%
MCP1642B/D-33, VIN =1.5V,
IOUT =25mA to 150mA
—
0.5
—
%
MCP1642B/D-50, VIN =3.0V,
IOUT =25mA to 500mA, Note 5
DC CHARACTERISTICS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, VIN = 1.2V, COUT =CIN =10µF, L= 4.7 µH, VOUT =3.3V,
IOUT =15 mA, TA = +25°C, MCP1642B/D-ADJ. Boldface specifications apply over the TA range of -40
°C to +85°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Resistive load, 1 mA.
2:
For VIN >VOUT, VOUT will not remain in regulation.
3:
IQPWM is measured from VOUT; VOUT is externally supplied with a voltage higher than the nominal 3.3V
output (device is not switching), no load. VIN quiescent current will vary with boost ratio. VIN quiescent
current can be estimated by: (IQPWM *(VOUT/VIN)).
4:
220
 resistive load, 3.3V V
OUT (15 mA).
5:
Determined by characterization, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com