Electronic Components Datasheet Search
  English  ▼

X  

LAN8742A Datasheet(PDF) 30 Page - Microchip Technology

Part # LAN8742A
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8742A Datasheet(HTML) 30 Page - Microchip Technology

Back Button LAN8742A Datasheet HTML 26Page - Microchip Technology LAN8742A Datasheet HTML 27Page - Microchip Technology LAN8742A Datasheet HTML 28Page - Microchip Technology LAN8742A Datasheet HTML 29Page - Microchip Technology LAN8742A Datasheet HTML 30Page - Microchip Technology LAN8742A Datasheet HTML 31Page - Microchip Technology LAN8742A Datasheet HTML 32Page - Microchip Technology LAN8742A Datasheet HTML 33Page - Microchip Technology LAN8742A Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 124 page
background image
LAN8742A/LAN8742Ai
DS00001989A-page 30
 2013-2015 Microchip Technology Inc.
3.7
Configuration Straps
Configuration straps allow various features of the device to be automatically configured to user defined values. Config-
uration straps are latched upon Power-On Reset (POR) and pin reset (nRST). Configuration straps include internal
resistors in order to prevent the signal from floating when unconnected. If a particular configuration strap is connected
to a load, an external pull-up or pull-down resistor should be used to augment the internal resistor to ensure that it
reaches the required voltage level prior to latching. The internal resistor can also be overridden by the addition of an
external resistor.
3.7.1
PHYAD[0]: PHY ADDRESS CONFIGURATION
The PHYAD0 bit is driven high or low to give each PHY a unique address. This address is latched into an internal register
at the end of a hardware reset (default = 0b). In a multi-PHY application (such as a repeater), the controller is able to
manage each PHY via the unique address. Each PHY checks each management data frame for a matching address in
the relevant bits. When a match is recognized, the PHY responds to that particular frame. The PHY address is also used
to seed the scrambler. In a multi-PHY application, this ensures that the scramblers are out of synchronization and dis-
perses the electromagnetic radiation across the frequency spectrum.
The device’s SMI address may be configured using hardware configuration to either the value 0 or 1. The user can con-
figure the PHY address using Software Configuration if an address greater than 1 is required. The PHY address can be
written (after SMI communication at some address is established) using the PHYAD bits of the Special Modes Register.
The PHYAD0 hardware configuration strap is multiplexed with the RXER pin.
3.7.2
MODE[2:0]: MODE CONFIGURATION
The MODE[2:0] configuration straps control the configuration of the 10/100 digital block. When the nRST pin is deas-
serted, the register bit values are loaded according to the MODE[2:0] configuration straps. The 10/100 digital block is
then configured by the register bit values. When a soft reset occurs via the Soft Reset bit of the Basic Control Register,
the configuration of the 10/100 digital block is controlled by the register bit values and the MODE[2:0] configuration
straps have no affect.
The device’s mode may be configured using the hardware configuration straps as summarized in Table 3-4. The user
may configure the transceiver mode by writing the SMI registers.
Note:
The system designer must guarantee that configuration strap pins meet the timing requirements specified
in Section 5.6.3, "Power-On nRST & Configuration Strap Timing". If configuration strap pins are not at the
correct voltage level prior to being latched, the device may capture incorrect strap values.
Note:
When externally pulling configuration straps high, the strap should be tied to VDDIO, except for REGOFF
and nINTSEL which should be tied to VDD2A.
TABLE 3-4:
MODE[2:0] BUS
MODE[2:0]
Mode Definitions
Default Register Bit Values
Register 0
Register 4
[13,12,10,8]
[8,7,6,5]
000
10BASE-T Half Duplex. Auto-negotiation disabled.
0000
N/A
001
10BASE-T Full Duplex. Auto-negotiation disabled.
0001
N/A
010
100BASE-TX Half Duplex. Auto-negotiation disabled.
CRS is active during Transmit & Receive.
1000
N/A
011
100BASE-TX Full Duplex. Auto-negotiation disabled.
CRS is active during Receive.
1001
N/A
100
100BASE-TX Half Duplex is advertised. Auto-negoti-
ation enabled.
CRS is active during Transmit & Receive.
1100
0100
101
Repeater mode. Auto-negotiation enabled.
100BASE-TX Half Duplex is advertised.
CRS is active during Receive.
1100
0100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com