Electronic Components Datasheet Search
  English  ▼

X  

LAN8742A Datasheet(PDF) 82 Page - Microchip Technology

Part # LAN8742A
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8742A Datasheet(HTML) 82 Page - Microchip Technology

Back Button LAN8742A Datasheet HTML 78Page - Microchip Technology LAN8742A Datasheet HTML 79Page - Microchip Technology LAN8742A Datasheet HTML 80Page - Microchip Technology LAN8742A Datasheet HTML 81Page - Microchip Technology LAN8742A Datasheet HTML 82Page - Microchip Technology LAN8742A Datasheet HTML 83Page - Microchip Technology LAN8742A Datasheet HTML 84Page - Microchip Technology LAN8742A Datasheet HTML 85Page - Microchip Technology LAN8742A Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 124 page
background image
LAN8742A/LAN8742Ai
DS00001989A-page 82
2013-2015 Microchip Technology Inc.
4.3.1
PCS MMD DEVICES PRESENT 1 REGISTER
Index (In Decimal):
3.5
Size:
16 bits
Bits
Description
Type
Default
15:8
RESERVED
RO
-
7
Auto-Negotiation Present
0 = Auto-negotiation not present in package
1 = Auto-negotiation present in package
RO
1b
6
TC Present
0 = TC not present in package
1 = TC present in package
RO
0b
5
DTE XS Present
0 = DTE XS not present in package
1 = DTE XS present in package
RO
0b
4
PHY XS Present
0 = PHY XS not present in package
1 = PHY XS present in package
RO
0b
3
PCS Present
0 = PCS not present in package
1 = PCS present in package
RO
1b
2
WIS Present
0 = WIS not present in package
1 = WIS present in package
RO
0b
1
PMD/PMA Present
0 = PMD/PMA not present in package
1 = PMD/PMA present in package
RO
0b
0
Clause 22 Registers Present
0 = Clause 22 registers not present in package
1 = Clause 22 registers present in package
RO
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com