Electronic Components Datasheet Search
  English  ▼

X  

LAN8742A Datasheet(PDF) 44 Page - Microchip Technology

Part # LAN8742A
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8742A Datasheet(HTML) 44 Page - Microchip Technology

Back Button LAN8742A Datasheet HTML 40Page - Microchip Technology LAN8742A Datasheet HTML 41Page - Microchip Technology LAN8742A Datasheet HTML 42Page - Microchip Technology LAN8742A Datasheet HTML 43Page - Microchip Technology LAN8742A Datasheet HTML 44Page - Microchip Technology LAN8742A Datasheet HTML 45Page - Microchip Technology LAN8742A Datasheet HTML 46Page - Microchip Technology LAN8742A Datasheet HTML 47Page - Microchip Technology LAN8742A Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 124 page
background image
LAN8742A/LAN8742Ai
DS00001989A-page 44
 2013-2015 Microchip Technology Inc.
CRC[6] = F1 ^ F3
CRC[5] = F2 ^ F4
CRC[4] = F3 ^ F5
CRC[3] = F4 ^ F6
CRC[2] = F5 ^ F7
CRC[1] = F6
CRC[0] = F7
3.
Determine the offset pattern with offset 0 being the first byte of the destination address. Update the offset in the
Filter Pattern Offset field of the Wakeup Filter Configuration Register A (WUF_CFGA).
Determine Address Matching Conditions:
4.
Determine the address matching scheme based on Table 3-7 and update the Filter Broadcast Enable, Filter Any
Multicast Enable, and Address Match Enable bits of the Wakeup Filter Configuration Register A (WUF_CFGA)
accordingly.
5.
If necessary (see step 4), set the desired MAC address to cause the wake event in the MAC Receive Address A
Register (RX_ADDRA), MAC Receive Address B Register (RX_ADDRB), and MAC Receive Address C Register
(RX_ADDRC).
6.
Set the Filter Enable bit of the Wakeup Filter Configuration Register A (WUF_CFGA) to enable the filter.
Enable Wakeup Frame Detection:
7.
Set the Wakeup Frame Enable (WUEN) bit of the Wakeup Control and Status Register (WUCSR) to enable
Wakeup Frame detection.
8.
Set bit 8 (WoL event indicator) in the Interrupt Mask Register to enable WoL events to trigger assertion of the
nINT interrupt pin.
When a match is triggered, the nINT interrupt pin will be asserted and the Remote Wakeup Frame Received (WUFR)
bit of the Wakeup Control and Status Register (WUCSR) will be set. To provide additional visibility to software, the Filter
Triggered bit of the Wakeup Filter Configuration Register A (WUF_CFGA) will be set.
3.8.5
ISOLATE MODE
The device data paths may be electrically isolated from the RMII interface by setting the Isolate bit of the Basic Control
Register to “1”. In isolation mode, the transceiver does not respond to the TXD, TXEN and TXER inputs, but does
respond to management transactions.
Isolation provides a means for multiple transceivers to be connected to the same RMII interface without contention. By
default, the transceiver is not isolated (on power-up (Isolate =0).
3.8.6
RESETS
The device provides two forms of reset: hardware and software. The device registers are reset by both hardware and
software resets. Select register bits, indicated as “NASR” in the register definitions, are not cleared by a software reset.
The registers are not reset by the power-down modes described in Section 3.8.3.
3.8.6.1
Hardware Reset
A hardware reset is asserted by driving the nRST input pin low. When driven, nRST should be held low for the minimum
time detailed in Section 5.6.3, "Power-On nRST & Configuration Strap Timing" to ensure a proper transceiver reset.
During a hardware reset, an external clock must be supplied to the XTAL1/CLKIN signal.
Note:
Alternatively, the LED1/nINT/nPME or LED2/nINT/nPME pin can be used to indicate a WoL event. Refer
to Section 3.8.4, "Wake on LAN (WoL)" for additional information.
Note:
For the first 16 µs after coming out of reset, the RMII interface will run at 2.5 MHz. After this time, it will
switch to 25 MHz if auto-negotiation is enabled.
Note:
A hardware reset (nRST assertion) is required following power-up. Refer to Section 5.6.3, "Power-On
nRST & Configuration Strap Timing" for additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com