Electronic Components Datasheet Search
  English  ▼

X  

LAN8742A Datasheet(PDF) 4 Page - Microchip Technology

Part # LAN8742A
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8742A Datasheet(HTML) 4 Page - Microchip Technology

  LAN8742A Datasheet HTML 1Page - Microchip Technology LAN8742A Datasheet HTML 2Page - Microchip Technology LAN8742A Datasheet HTML 3Page - Microchip Technology LAN8742A Datasheet HTML 4Page - Microchip Technology LAN8742A Datasheet HTML 5Page - Microchip Technology LAN8742A Datasheet HTML 6Page - Microchip Technology LAN8742A Datasheet HTML 7Page - Microchip Technology LAN8742A Datasheet HTML 8Page - Microchip Technology LAN8742A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 124 page
background image
LAN8742A/LAN8742Ai
DS00001989A-page 4
 2013-2015 Microchip Technology Inc.
1.0
INTRODUCTION
1.1
General Terms and Conventions
The following is a list of the general terms used throughout this document:
1.2
General Description
The LAN8742A/LAN8742Ai is a low-power 10BASE-T/100BASE-TX physical layer (PHY) transceiver with variable I/O
voltage that is compliant with the IEEE 802.3 and 802.3u standards.
The LAN8742A/LAN8742Ai supports communication with an Ethernet MAC via a standard RMII interface. It contains a
full-duplex 10-BASE-T/100BASE-TX transceiver and supports 10 Mbps (10BASE-T) and 100 Mbps (100BASE-TX)
operation. The LAN8742A/LAN8742Ai implements auto-negotiation to automatically determine the best possible speed
and duplex mode of operation. HP Auto-MDIX support allows the use of direct connect or cross-over LAN cables. Inte-
grated Wake on LAN (WoL) support provides a mechanism to trigger an interrupt upon reception of a perfect DA, broad-
cast, magic packet, or wakeup frame.
The LAN8742A/LAN8742Ai supports both IEEE 802.3-2005 compliant and vendor-specific register functions. However,
no register access is required for operation. The initial configuration may be selected via the configuration pins as
described in Section 3.7, "Configuration Straps". Register-selectable configuration options may be used to further define
the functionality of the transceiver.
The LAN8742A/LAN8742Ai can be programmed to support wake-on-LAN at the physical layer, allowing detection of
configurable Wake-up Frame and Magic packets. This feature allows filtering of packets at the PHY layer, without requir-
ing MAC intervention. Additionally, the LAN8742A/LAN8742Ai supports cable diagnostics which allow the device to
identify opens/shorts and their location on the cable via vendor-specific registers.
Per IEEE 802.3-2005 standards, all digital interface pins are tolerant to 3.6 V. The device can be configured to operate
on a single 3.3 V supply utilizing an integrated 3.3 V to 1.2 V linear regulator. The linear regulator may be optionally
disabled, allowing usage of a high efficiency external regulator for lower system power dissipation.
The LAN8742A/LAN8742Ai is available in commercial (0°C to +70°C) and industrial (-40°C to +85°C) temperature
range versions. A typical system application is shown in Figure 1-1. Figure 1-2 provides an internal block diagram of the
device.
BYTE
8 bits
FIFO
First In First Out buffer; often used for elasticity buffer
MAC
Media Access Controller
RMII™
Reduced Media Independent Interface
N/A
Not Applicable
X
Indicates that a logic state is “don’t care” or undefined.
RESERVED Refers to a reserved bit field or address. Unless otherwise noted, reserved bits must always be zero
for write operations. Unless otherwise noted, values are not guaranteed when reading reserved bits.
Unless otherwise noted, do not read or write to reserved addresses.
SMI
Serial Management Interface
FIGURE 1-1:
SYSTEM BLOCK DIAGRAM
LAN8742A/
LAN8742Ai
10/100
Ethernet
MAC
RMII
Mode
LED
Transformer
Crystal or
Clock
Oscillator
MDI
RJ45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com