Electronic Components Datasheet Search
  English  ▼

X  

LAN8742A Datasheet(PDF) 8 Page - Microchip Technology

Part # LAN8742A
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8742A Datasheet(HTML) 8 Page - Microchip Technology

Back Button LAN8742A Datasheet HTML 4Page - Microchip Technology LAN8742A Datasheet HTML 5Page - Microchip Technology LAN8742A Datasheet HTML 6Page - Microchip Technology LAN8742A Datasheet HTML 7Page - Microchip Technology LAN8742A Datasheet HTML 8Page - Microchip Technology LAN8742A Datasheet HTML 9Page - Microchip Technology LAN8742A Datasheet HTML 10Page - Microchip Technology LAN8742A Datasheet HTML 11Page - Microchip Technology LAN8742A Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 124 page
background image
LAN8742A/LAN8742Ai
DS00001989A-page 8
 2013-2015 Microchip Technology Inc.
Note 1: Configuration strap values are latched on power-on reset and system reset. Configuration straps are iden-
tified by an underlined symbol name. Signals that function as configuration straps must be augmented with
an external resistor when connected to a load. Refer to Section 3.7, "Configuration Straps" for additional
information.
1
Carrier Sense /
Receive Data
Valid
CRS_DV
VO8
This signal is asserted to indicate the receive
medium is non-idle. When a 10BASE-T packet is
received, CRS_DV is asserted, but RXD[1:0] is
held low until the SFD byte (10101011) is received.
Note:
Per the RMII standard, transmitted data
is not looped back onto the receive data
pins in 10BASE-T half-duplex mode.
PHY Operat-
ing Mode 2
Configuration
Strap
MODE2
VIS
(PU)
Combined with MODE0 and MODE1, this configu-
ration strap sets the default PHY mode.
See Note 1 for more information on configuration
straps.
Note:
Refer to Section 3.7.2, "MODE[2:0]:
Mode Configuration" for additional
details.
TABLE 2-1:
RMII SIGNALS (CONTINUED)
Num Pins
Name
Symbol
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com