Electronic Components Datasheet Search
  English  ▼

X  

LAN8742A Datasheet(PDF) 32 Page - Microchip Technology

Part # LAN8742A
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8742A Datasheet(HTML) 32 Page - Microchip Technology

Back Button LAN8742A Datasheet HTML 28Page - Microchip Technology LAN8742A Datasheet HTML 29Page - Microchip Technology LAN8742A Datasheet HTML 30Page - Microchip Technology LAN8742A Datasheet HTML 31Page - Microchip Technology LAN8742A Datasheet HTML 32Page - Microchip Technology LAN8742A Datasheet HTML 33Page - Microchip Technology LAN8742A Datasheet HTML 34Page - Microchip Technology LAN8742A Datasheet HTML 35Page - Microchip Technology LAN8742A Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 124 page
background image
LAN8742A/LAN8742Ai
DS00001989A-page 32
 2013-2015 Microchip Technology Inc.
3.7.4
nINTSEL: nINT/REFCLKO CONFIGURATION
The nINTSEL configuration strap is used to select between one of two available modes: REF_CLK In Mode (nINT) and
REF_CLK Out Mode. The configured mode determines the function of the nINT/REFCLKO pin. The nINTSEL configu-
ration strap is latched at POR and on the rising edge of the nRST. By default, nINTSEL is configured for nINT mode via
the internal pull-up resistor.
The RMII REF_CLK is a continuous clock that provides the timing reference for CRS_DV, RXD[1:0], TXEN, TXD[1:0]
and RXER. The device uses REF_CLK as the network clock such that no buffering is required on the transmit data path.
However, on the receive data path, the receiver recovers the clock from the incoming data stream. The device uses
elasticity buffering to accommodate for differences between the recovered clock and the local REF_CLK.
In REF_CLK In Mode, the 50 MHz REF_CLK is driven on the XTAL1/CLKIN pin. This is the traditional system configu-
ration when using RMII, and is described in Section 3.7.4.1. When configured for REF_CLK Out Mode, the device gen-
erates the 50 MHz RMII REF_CLK and the nINT interrupt is not available. REF_CLK Out Mode allows a low-cost
25 MHz crystal to be used as the reference for REF_CLK. This configuration may result in reduced system cost and is
described in Section 3.7.4.2.
TABLE 3-6:
nINTSEL CONFIGURATION
Strap Value
Mode
REF_CLK Description
nINTSEL = 0
REF_CLK Out Mode
nINT/REFCLKO is the source of REF_CLK.
nINTSEL = 1
REF_CLK In Mode
nINT/REFCLKO is an active low interrupt output.
The REF_CLK is sourced externally and must be driven
on the XTAL1/CLKIN pin.
Note:
Because the nINTSEL configuration strap shares functionality with the LED2 pin, proper consideration
must also be given to the LED polarity. Refer to Section 3.8.1.6, "nINTSEL and LED2 Polarity Selection"
for additional information on the relation between nINTSEL and the LED2 polarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com