Electronic Components Datasheet Search
  English  ▼

X  

LAN8742A Datasheet(PDF) 84 Page - Microchip Technology

Part # LAN8742A
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8742A Datasheet(HTML) 84 Page - Microchip Technology

Back Button LAN8742A Datasheet HTML 80Page - Microchip Technology LAN8742A Datasheet HTML 81Page - Microchip Technology LAN8742A Datasheet HTML 82Page - Microchip Technology LAN8742A Datasheet HTML 83Page - Microchip Technology LAN8742A Datasheet HTML 84Page - Microchip Technology LAN8742A Datasheet HTML 85Page - Microchip Technology LAN8742A Datasheet HTML 86Page - Microchip Technology LAN8742A Datasheet HTML 87Page - Microchip Technology LAN8742A Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 124 page
background image
LAN8742A/LAN8742Ai
DS00001989A-page 84
2013-2015 Microchip Technology Inc.
4.3.3
WAKEUP CONTROL AND STATUS REGISTER (WUCSR)
Index (In Decimal):
3.32784
Size:
16 bits
Bits
Description
Type
Default
15
Interface Disable
0 = RMII interface enabled
1 = RMII interface disabled. Outputs driven to a low level and inputs ignored.
R/W
NASR
0b
14:13
LED1 Function Select
00 = LED1 functions as Link/Activity.
01 = LED1 functions as nINT.
10 = LED1 functions as nPME.
11 = LED1 functions as Link Speed.
Note:
Refer to Section 3.8.1, "LEDs" for additional information.
R/W
NASR
0b
12:11
LED2 Function Select
00 = LED2 functions as Link Speed.
01 = LED2 functions as nINT.
10 = LED2 functions as nPME.
11 = LED2 functions as Link/Activity.
Note:
Refer to Section 3.8.1, "LEDs" for additional information.
R/W
NASR
0b
10
RESERVED
RO
-
9
nPME Self Clear
0 = nPME pin is not self clearing.
1 = nPME pin is self clearing.
Note:
When set, the de-assertion delay of the nPME signal is controlled
by the nPME Assert Delay bit of the Miscellaneous Configuration
Register (MCFGR). Refer to Section 3.8.4, "Wake on LAN (WoL)"
for additional information.
R/W
NASR
0b
8
WoL Configured
This bit may be set by software after the WoL registers are configured. This
sticky bit (and all other WoL related register bits) is reset only via a power
cycle or a pin reset, allowing software to skip programming of the WoL regis-
ters in response to a WoL event.
Note:
Refer to Section 3.8.4, "Wake on LAN (WoL)" for additional infor-
mation.
R/W/
NASR
0b
7
Perfect DA Frame Received (PFDA_FR)
The MAC sets this bit upon receiving a valid frame with a destination address
that matches the physical address.
R/WC/
NASR
0b
6
Remote Wakeup Frame Received (WUFR)
The MAC sets this bit upon receiving a valid remote Wakeup Frame.
R/WC/
NASR
0b
5
Magic Packet Received (MPR)
The MAC sets this bit upon receiving a valid Magic Packet.
R/WC/
NASR
0b
4
Broadcast Frame Received (BCAST_FR)
The MAC Sets this bit upon receiving a valid broadcast frame.
R/WC/
NASR
0b
3
Perfect DA Wakeup Enable (PFDA_EN)
When set, remote wakeup mode is enabled and the MAC is capable of waking
up on receipt of a frame with a destination address that matches the physical
address of the device. The physical address is stored in the MAC Receive
Address A Register (RX_ADDRA), MAC Receive Address B Register
(RX_ADDRB) and MAC Receive Address C Register (RX_ADDRC).
R/W/
NASR
0b
2
Wakeup Frame Enable (WUEN)
When set, remote wakeup mode is enabled and the MAC is capable of detect-
ing Wakeup Frames as programmed in the Wakeup Filter.
R/W/
NASR
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com