Electronic Components Datasheet Search
  English  ▼

X  

LAN9513 Datasheet(PDF) 28 Page - SMSC Corporation

Part # LAN9513
Description  USB 2.0 Hub and 10/100 Ethernet Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9513 Datasheet(HTML) 28 Page - SMSC Corporation

Back Button LAN9513 Datasheet HTML 24Page - SMSC Corporation LAN9513 Datasheet HTML 25Page - SMSC Corporation LAN9513 Datasheet HTML 26Page - SMSC Corporation LAN9513 Datasheet HTML 27Page - SMSC Corporation LAN9513 Datasheet HTML 28Page - SMSC Corporation LAN9513 Datasheet HTML 29Page - SMSC Corporation LAN9513 Datasheet HTML 30Page - SMSC Corporation LAN9513 Datasheet HTML 31Page - SMSC Corporation LAN9513 Datasheet HTML 32Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
USB 2.0 Hub and 10/100 Ethernet Controller
Datasheet
Revision 1.2 (02-29-12)
28
SMSC LAN9513/LAN9513i
DATASHEET
36h
Port Remap 12 Register (PRTR12)
When a hub is enumerated by a USB Host Controller, the hub is only permitted to
report how many ports it has. The hub is not permitted to select a numerical range or
assignment. The Host Controller will number the downstream ports of the hub starting
with the number 1, up to the number of ports that the hub reported having.
The host’s port number is referred to as “Logical Port Number” and the physical port
on the hub is the “Physical Port Number”. When remapping mode is enabled, (see
Port Re-Mapping Enable (PRTMAP_EN) bit in Config Data Byte 3 Register (CFG3)
Format) the hub’s downstream port numbers can be remapped to different logical port
numbers (assigned by the host).
Note:
The OEM must ensure that Contiguous Logical Port Numbers are used,
starting from #1 up to the maximum number of enabled ports. This ensures
that the hub’s ports are numbered in accordance with the way a Host will
communicate with the ports.
21h
Table 3.3 Hub Configuration (continued)
EEPROM
OFFSET
DESCRIPTION
DEFAULT
Bit [7:4] =
0000
Physical Port 2 is Disabled
0001
Physical Port 2 is mapped to Logical Port 1
0010
Physical Port 2 is mapped to Logical Port 2
0011
Physical Port 2 is mapped to Logical Port 3
0100
Physical Port 2 is mapped to Logical Port 4
All others RESERVED
Bit [3:0] =
0000
Physical Port 1 is Disabled
0001
Physical Port 1 is mapped to Logical Port 1
0010
Physical Port 1 is mapped to Logical Port 2
0011
Physical Port 1 is mapped to Logical Port 3
0100
Physical Port 1 is mapped to Logical Port 4
All others RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com