Electronic Components Datasheet Search
  English  ▼

X  

LAN9513 Datasheet(PDF) 44 Page - SMSC Corporation

Part # LAN9513
Description  USB 2.0 Hub and 10/100 Ethernet Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9513 Datasheet(HTML) 44 Page - SMSC Corporation

Back Button LAN9513 Datasheet HTML 40Page - SMSC Corporation LAN9513 Datasheet HTML 41Page - SMSC Corporation LAN9513 Datasheet HTML 42Page - SMSC Corporation LAN9513 Datasheet HTML 43Page - SMSC Corporation LAN9513 Datasheet HTML 44Page - SMSC Corporation LAN9513 Datasheet HTML 45Page - SMSC Corporation LAN9513 Datasheet HTML 46Page - SMSC Corporation LAN9513 Datasheet HTML 47Page - SMSC Corporation LAN9513 Datasheet HTML 48Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
USB 2.0 Hub and 10/100 Ethernet Controller
Datasheet
Revision 1.2 (02-29-12)
44
SMSC LAN9513/LAN9513i
DATASHEET
Note 4.6
This specification applies to all inputs and tri-stated bi-directional pins. Internal pull-down
and pull-up resistors add +/- 50uA per-pin (typical).
Note 4.7
This is the total 5.5V input leakage for the entire device.
Note 4.8
XI can optionally be driven from a 25MHz single-ended clock oscillator.
Note 4.9
Measured at line side of transformer, line replaced by 100
Ω (+/- 1%) resistor.
Note 4.10 Offset from 16nS pulse width at 50% of pulse peak.
Note 4.11 Measured differentially.
Note 4.12 Min/max voltages guaranteed as measured with 100
Ω resistive load.
Table 4.6 100BASE-TX Transceiver Characteristics
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Peak Differential Output Voltage High
VPPH
950
-
1050
mVpk
Note 4.9
Peak Differential Output Voltage Low
VPPL
-950
-
-1050
mVpk
Note 4.9
Signal Amplitude Symmetry
VSS
98
-
102
%
Note 4.9
Signal Rise and Fall Time
TRF
3.0
-
5.0
nS
Note 4.9
Rise and Fall Symmetry
TRFS
--
0.5
nS
Note 4.9
Duty Cycle Distortion
DCD
35
50
65
%
Note 4.10
Overshoot and Undershoot
VOS
--
5
%
Jitter
1.4
nS
Note 4.11
Table 4.7 10BASE-T Transceiver Characteristics
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Transmitter Peak Differential Output Voltage
VOUT
2.2
2.5
2.8
V
Note 4.12
Receiver Differential Squelch Threshold
VDS
300
420
585
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com