Electronic Components Datasheet Search
  English  ▼

X  

LAN9513 Datasheet(PDF) 6 Page - SMSC Corporation

Part # LAN9513
Description  USB 2.0 Hub and 10/100 Ethernet Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9513 Datasheet(HTML) 6 Page - SMSC Corporation

Back Button LAN9513 Datasheet HTML 2Page - SMSC Corporation LAN9513 Datasheet HTML 3Page - SMSC Corporation LAN9513 Datasheet HTML 4Page - SMSC Corporation LAN9513 Datasheet HTML 5Page - SMSC Corporation LAN9513 Datasheet HTML 6Page - SMSC Corporation LAN9513 Datasheet HTML 7Page - SMSC Corporation LAN9513 Datasheet HTML 8Page - SMSC Corporation LAN9513 Datasheet HTML 9Page - SMSC Corporation LAN9513 Datasheet HTML 10Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
USB 2.0 Hub and 10/100 Ethernet Controller
Datasheet
Revision 1.2 (02-29-12)
6
SMSC LAN9513/LAN9513i
DATASHEET
Chapter 1 Introduction
1.1
Block Diagram
1.1.1
Overview
The LAN9513/LAN9513i is a high performance Hi-Speed USB 2.0 hub with a 10/100 Ethernet
controller. With applications ranging from embedded systems, desktop PCs, notebook PCs, printers,
game consoles, and docking stations, the LAN9513/LAN9513i is targeted as a high performance, low
cost USB/Ethernet and USB/USB connectivity solution.
The LAN9513/LAN9513i contains an integrated USB 2.0 hub, three integrated downstream USB 2.0
PHYs, an integrated upstream USB 2.0 PHY, a 10/100 Ethernet PHY, a 10/100 Ethernet Controller, a
TAP controller, and a EEPROM controller. A block diagram of the LAN9513/LAN9513i is provided in
Figure 1.1.
The LAN9513/LAN9513i hub provides over 30 programmable features, including:
PortMap (also referred to as port remap) which provides flexible port mapping and disabling
sequences. The downstream ports of the LAN9513/LAN9513i hub can be reordered or disabled in any
sequence to support multiple platform designs’ with minimum effort. For any port that is disabled, the
LAN9513/LAN9513i automatically reorders the remaining ports to match the USB host controller’s port
numbering scheme.
PortSwap which adds per-port programmability to USB differential-pair pin locations. PortSwap allows
direct alignment of USB signals (D+/D-) to connectors avoiding uneven trace length or crossing of the
USB differential signals on the PCB.
PHYBoost which enables four programmable levels of USB signal drive strength in USB port
transceivers. PHYBoost attempts to restore USB signal integrity that has been compromised by system
level variables such as poor PCB layout, long cables, etc.
Figure 1.1 Internal Block Diagram
TAP
Controller
EEPROM
Controller
10/100
Ethernet
Controller
USB 2.0
Hub
LAN9513/LAN9513i
Ethernet
EEPROM
JTAG
USB
DP/DM
Downstream
USB PHY
Ethernet
PHY
Upstream
USB PHY
Downstream
USB PHY
Downstream
USB PHY
USB
DP/DM
USB
DP/DM
USB
DP/DM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com