Electronic Components Datasheet Search
  English  ▼

X  

LAN9513 Datasheet(PDF) 45 Page - SMSC Corporation

Part # LAN9513
Description  USB 2.0 Hub and 10/100 Ethernet Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9513 Datasheet(HTML) 45 Page - SMSC Corporation

Back Button LAN9513 Datasheet HTML 41Page - SMSC Corporation LAN9513 Datasheet HTML 42Page - SMSC Corporation LAN9513 Datasheet HTML 43Page - SMSC Corporation LAN9513 Datasheet HTML 44Page - SMSC Corporation LAN9513 Datasheet HTML 45Page - SMSC Corporation LAN9513 Datasheet HTML 46Page - SMSC Corporation LAN9513 Datasheet HTML 47Page - SMSC Corporation LAN9513 Datasheet HTML 48Page - SMSC Corporation LAN9513 Datasheet HTML 49Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
USB 2.0 Hub and 10/100 Ethernet Controller
Datasheet
SMSC LAN9513/LAN9513i
45
Revision 1.2 (02-29-12)
DATASHEET
4.5
AC Specifications
This section details the various AC timing specifications of the LAN9513/LAN9513i.
Note: The USBDP and USBDM pin timing adheres to the USB 2.0 specification. Refer to the
Universal Serial Bus Revision 2.0 specification for detailed USB timing information.
4.5.1
Equivalent Test Load
Output timing specifications assume the 25pF equivalent test load illustrated in Figure 4.1 below.
4.5.2
Reset Timing
The nRESET pin input assertion time must be a minimum of 1
μS. Assertion of nRESET is not a
requirement. However, if used, it must be asserted for the minimum period specified.
Figure 4.1 Output Equivalent Test Load
25 pF
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com