Electronic Components Datasheet Search
  English  ▼

X  

LAN9513 Datasheet(PDF) 33 Page - SMSC Corporation

Part # LAN9513
Description  USB 2.0 Hub and 10/100 Ethernet Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9513 Datasheet(HTML) 33 Page - SMSC Corporation

Back Button LAN9513 Datasheet HTML 29Page - SMSC Corporation LAN9513 Datasheet HTML 30Page - SMSC Corporation LAN9513 Datasheet HTML 31Page - SMSC Corporation LAN9513 Datasheet HTML 32Page - SMSC Corporation LAN9513 Datasheet HTML 33Page - SMSC Corporation LAN9513 Datasheet HTML 34Page - SMSC Corporation LAN9513 Datasheet HTML 35Page - SMSC Corporation LAN9513 Datasheet HTML 36Page - SMSC Corporation LAN9513 Datasheet HTML 37Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
USB 2.0 Hub and 10/100 Ethernet Controller
Datasheet
SMSC LAN9513/LAN9513i
33
Revision 1.2 (02-29-12)
DATASHEET
5:4
Upstream USB Electrical Signaling Drive Strength Boost Bit for Downstream
Port 3 (BOOST_IOUT_3)
00 = Normal electrical drive strength
01 = Elevated electrical drive strength (+4% boost)
10 = Elevated electrical drive strength (+8% boost)
11 = Elevated electrical drive strength (+12% boost)
00b
3:2
Upstream USB Electrical Signaling Drive Strength Boost Bit for Downstream
Port 2 (BOOST_IOUT_2)
00 = Normal electrical drive strength
01 = Elevated electrical drive strength (+4% boost)
10 = Elevated electrical drive strength (+8% boost)
11 = Elevated electrical drive strength (+12% boost)
00b
1:0
RESERVED
00b
Table 3.9 Status/Command Register (STCD) Format
BITS
DESCRIPTION
DEFAULT
7:2
RESERVED
000000b
1
Reset (RESET)
Resets the internal memory back to nRESET assertion default settings.
0 = Normal Run/Idle State
1 = Force a reset of the registers to their default state
Note:
During this reset, this bit is automatically cleared to its default value of 0.
0b
0
USB Attach and Write Protect (USB_ATTACH)
0 = Device is in configuration state
1 = Hub will signal a USB attach event to an upstream device, and the internal
memory (address range 00h - FEh) is “write-protected” to prevent unintentional data
corruption.
Note:
This bit is write once and is only cleared by assertion of the external nRESET
or POR.
1b
Table 3.8 Boost_4:2 Register (BOOST42) Format (continued)
BITS
DESCRIPTION
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com