Electronic Components Datasheet Search
  English  ▼

X  

LAN9513 Datasheet(PDF) 35 Page - SMSC Corporation

Part # LAN9513
Description  USB 2.0 Hub and 10/100 Ethernet Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9513 Datasheet(HTML) 35 Page - SMSC Corporation

Back Button LAN9513 Datasheet HTML 31Page - SMSC Corporation LAN9513 Datasheet HTML 32Page - SMSC Corporation LAN9513 Datasheet HTML 33Page - SMSC Corporation LAN9513 Datasheet HTML 34Page - SMSC Corporation LAN9513 Datasheet HTML 35Page - SMSC Corporation LAN9513 Datasheet HTML 36Page - SMSC Corporation LAN9513 Datasheet HTML 37Page - SMSC Corporation LAN9513 Datasheet HTML 38Page - SMSC Corporation LAN9513 Datasheet HTML 39Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
USB 2.0 Hub and 10/100 Ethernet Controller
Datasheet
SMSC LAN9513/LAN9513i
35
Revision 1.2 (02-29-12)
DATASHEET
3.4
An Example of EEPROM Format Interpretation
Table 3.11 and Table 3.12 provide an example of how the contents of a EEPROM are formatted.
Table 3.11 is a dump of the EEPROM memory (256-byte EEPROM), while Table 3.12 illustrates, byte
by byte, how the EEPROM is formatted.
Table 3.11 Dump of EEPROM Memory
OFFSET
BYTE
VALUE
0000h
A5 12 34 56 78 9A BC 01
0008h
04 05 09 04 0A 1D 00 00
0010h
00 00 00 00 00 00 12 22
0018h
12 2B 12 34 12 3D 00 00
0020h
24 04 13 95 00 01 9B 18
0028h
00 02 20 20 01 00 01 00
0030h
32 00 00 00 00 00 21 43
0038h
00 01 0A 03 53 00 4D 00
0040h
53 00 43 00 12 01 00 02
0048h
FF 00 01 40 24 04 00 EC
0050h
00 01 01 00 00 01 09 02
0058h
27 00 01 01 00 E0 01 09
0060h
04 00 00 03 FF 00 FF 00
0068h
12 01 00 02 FF 00 FF 40
0070h
24 04 00 EC 00 01 01 00
0078h
00 01 09 02 27 00 01 01
0080h
00 E0 01 09 04 00 00 03
0088h
FF 00 FF 00 ....................
0090h - 00FFh
..........................................



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com