Electronic Components Datasheet Search
  English  ▼

X  

LAN9513 Datasheet(PDF) 41 Page - SMSC Corporation

Part # LAN9513
Description  USB 2.0 Hub and 10/100 Ethernet Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9513 Datasheet(HTML) 41 Page - SMSC Corporation

Back Button LAN9513 Datasheet HTML 37Page - SMSC Corporation LAN9513 Datasheet HTML 38Page - SMSC Corporation LAN9513 Datasheet HTML 39Page - SMSC Corporation LAN9513 Datasheet HTML 40Page - SMSC Corporation LAN9513 Datasheet HTML 41Page - SMSC Corporation LAN9513 Datasheet HTML 42Page - SMSC Corporation LAN9513 Datasheet HTML 43Page - SMSC Corporation LAN9513 Datasheet HTML 44Page - SMSC Corporation LAN9513 Datasheet HTML 45Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
USB 2.0 Hub and 10/100 Ethernet Controller
Datasheet
SMSC LAN9513/LAN9513i
41
Revision 1.2 (02-29-12)
DATASHEET
4.3
Power Consumption
This section details the power consumption of the device as measured during various modes of
operation. Power dissipation is determined by temperature, supply voltage, and external source/sink
requirements.
4.3.1
SUSPEND0
4.3.2
SUSPEND1
4.3.3
SUSPEND2
Table 4.1 SUSPEND0 Current Consumption and Power Dissipation (VDD33IO = VDD33A = 3.3V)
PARAMETER
MIN
TYPICAL
MAX
UNIT
Supply current (VDD33IO, VDD33A)
74
mA
Power Dissipation (Device Only)
245
mW
Power Dissipation (Device and Ethernet components)
379
mW
Table 4.2 SUSPEND1 Current Consumption and Power Dissipation (VDD33IO = VDD33A = 3.3V)
PARAMETER
MIN
TYPICAL
MAX
UNIT
Supply current (VDD33IO, VDD33A)
68
mA
Power Dissipation (Device Only)
224
mW
Power Dissipation (Device and Ethernet components)
229
mW
Table 4.3 SUSPEND2 Current Consumption and Power Dissipation (VDD33IO = VDD33A = 3.3V)
PARAMETER
MIN
TYPICAL
MAX
UNIT
Supply current (VDD33IO, VDD33A)
4.2
mA
Power Dissipation (Device Only)
14.0
mW
Power Dissipation (Device and Ethernet components)
14.1
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com