Electronic Components Datasheet Search
  English  ▼

X  

LM5166DRCT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM5166DRCT
Description  3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low IQ
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5166DRCT Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM5166DRCT Datasheet HTML 12Page - Texas Instruments LM5166DRCT Datasheet HTML 13Page - Texas Instruments LM5166DRCT Datasheet HTML 14Page - Texas Instruments LM5166DRCT Datasheet HTML 15Page - Texas Instruments LM5166DRCT Datasheet HTML 16Page - Texas Instruments LM5166DRCT Datasheet HTML 17Page - Texas Instruments LM5166DRCT Datasheet HTML 18Page - Texas Instruments LM5166DRCT Datasheet HTML 19Page - Texas Instruments LM5166DRCT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 53 page
background image
F
L(nom)
OFF
OUT
DCR
DSON1
OUT
L
û,
t
V
(R
R
) I
˜
˜
RT
ON
IN
175 R
[k @
t
[ns]
V
˜
t
VREF = 1.223V
1.25A
SLEEP
ACTIVE
SLEEP
ACTIVE
IOUT1
IOUT2
ACTIVE
10mV
VOUT
VIN
SLEEP
ACTIVE
Inductor
Current
FB
Voltage
(internal)
SW
Voltage
1.00A
0.75A
0.50A
16
LM5166
SNVSA67A – DECEMBER 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: LM5166
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 40. PFM Mode with Modulated ILIM Output Voltage and Inductor Current Waveforms
As expected, the choice of mode and switching frequency represents a compromise between conversion
efficiency, quiescent current, and passive component size. Lower switching frequency implies reduced switching
losses (including gate charge losses, transition losses, etc.) and higher overall efficiency. Higher switching
frequency, on the other hand, implies smaller LC output filter and hence, a more compact design. Lower
inductance also helps transient response and reduces the inductor DCR conduction loss. The ideal switching
frequency in a given application is a tradeoff and thus is determined on a case-by-case basis. It relates to the
input voltage, output voltage, most frequent load current level(s), external component choices, and circuit size
requirement. At light loads, the PFM converter has a relatively longer sleep time interval and thus operates at
lower input quiescent current levels.
7.3.2.2 COT Mode Operation
In COT mode, the LM5166-based converter turns on the high-side MOSFET with constant on-time that adapts to
VIN, as defined by Equation 2, to operate with nearly fixed switching frequency when in continuous conduction
mode (CCM). The high-side MOSFET turns on when the feedback voltage (VFB) falls below the reference
voltage. The regulator control loop maintains a constant output voltage by adjusting the PWM off-time as defined
with Equation 3. For stable operation, the feedback voltage must decrease monotonically in phase with the
inductor current during the off-time as explained in Ripple Generation Methods.
(2)
(3)
Diode emulation mode (DEM) prevents negative inductor current, and pulse skipping maintains high efficiency at
light load currents by decreasing the effective switching frequency. The COT-controlled LM5166 waveforms in
CCM and DEM are shown in Figure 41.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com