Electronic Components Datasheet Search
  English  ▼

X  

LM5166DRCT Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # LM5166DRCT
Description  3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low IQ
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5166DRCT Datasheet(HTML) 35 Page - Texas Instruments

Back Button LM5166DRCT Datasheet HTML 31Page - Texas Instruments LM5166DRCT Datasheet HTML 32Page - Texas Instruments LM5166DRCT Datasheet HTML 33Page - Texas Instruments LM5166DRCT Datasheet HTML 34Page - Texas Instruments LM5166DRCT Datasheet HTML 35Page - Texas Instruments LM5166DRCT Datasheet HTML 36Page - Texas Instruments LM5166DRCT Datasheet HTML 37Page - Texas Instruments LM5166DRCT Datasheet HTML 38Page - Texas Instruments LM5166DRCT Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 53 page
background image
SW
PGOOD
ILIM
VIN
EN
HYS
GND
RT
FB
SS
COUT
47 PF
LF
4.7 PH
RFB1
169 k:
RFB2
100 k:
VIN = 4.5V...36V
VOUT = 3.3 V
CIN
2.2 PF
IOUT = 300 mA
RILIM
56.2 k:
Copyright © 2016, Texas Instruments Incorporated
35
LM5166
www.ti.com
SNVSA67A – DECEMBER 2016 – REVISED DECEMBER 2016
Product Folder Links: LM5166
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.2.3 Design 3: High-Density PFM Converter Rated at 3.3 V, 300 mA
Figure 68. Schematic for Design 3 with VIN(nom) = 24 V, VOUT = 3.3 V, IOUT(max) = 300 mA, FSW(nom) = 600 kHz
8.2.3.1 Design Requirements
The target efficiency is 75% for loads above 10 mA based on a nominal input voltage of 24 V, an output voltage
of 3.3 V, with the emphasis on small solution size. The required input voltage range is 4.5 V to 36 V. The
LM5166 has an internally-set soft-start time of 900 µs and an adjustable peak current limit threshold. The
required components are listed in Table 6.
(1)
See Third-Party Products Disclaimer.
Table 6. List of Components for Design 3(1)
Count Ref Des
Description
Part Number
MFR
1
CIN
Capacitor, Ceramic, 2.2 μF, 50 V, X5R, 10%, 1206
GRM31CR71H225KA88
Murata
1
COUT
Capacitor, Ceramic, 47 μF, 6.3 V, X5R, 10%, 1206
GRM31CR60J476KE19
Murata
1
LF
Inductor, 4.7 µH, 0.315 Ω typ, 2.2 A Isat, 1.2 mm max
TFM252012ALMA4R7TMAA
TDK
1
RILIM
Resistor, Chip, 56.2 kΩ, 1/16W, 1%, 0402
Std
Std
1
RFB1
Resistor, Chip, 169 kΩ, 1/16W, 1%, 0402
Std
Std
1
RFB2
Resistor, Chip, 100 kΩ, 1/16W, 1%, 0402
Std
Std
1
U1
IC, Synchronous Buck Converter, VSON-10, ADJ
LM5166QDRCRQ1
TI
8.2.3.2 Detailed Design Procedure
8.2.3.2.1
Feedback Resistors – RFB1, RFB2
The output voltage of the LM5166 is externally adjustable using a resistor divider network. The divider network
comprises the upper feedback resistor RFB1 and lower feedback resistor RFB2. Select RFB1 of 169 kΩ to minimize
quiescent current and improve light-load efficiency in this application. With the desired output voltage setpoint of
3.3 V and VFB = 1.223 V, calculate the resistance of RFB2 using Equation 15 as 99.5 kΩ. Choose the closest
available standard value of 100 kΩ for RFB2. Please refer to Adjustable Output Voltage (FB) for more detail.
8.2.3.2.2
Peak Current Limit Setting – RILIM
Install a 56.2 kΩ resistor from ILIM to GND to select a 750-mA peak current limit threshold setting to meet the
rated output current of 300 mA. Please refer to Adjustable Current Limit for more detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com