Electronic Components Datasheet Search
  English  ▼

X  

LM5166DRCT Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM5166DRCT
Description  3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low IQ
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5166DRCT Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM5166DRCT Datasheet HTML 11Page - Texas Instruments LM5166DRCT Datasheet HTML 12Page - Texas Instruments LM5166DRCT Datasheet HTML 13Page - Texas Instruments LM5166DRCT Datasheet HTML 14Page - Texas Instruments LM5166DRCT Datasheet HTML 15Page - Texas Instruments LM5166DRCT Datasheet HTML 16Page - Texas Instruments LM5166DRCT Datasheet HTML 17Page - Texas Instruments LM5166DRCT Datasheet HTML 18Page - Texas Instruments LM5166DRCT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 53 page
background image
OUT
OUT
SW(PFM)
F
PK(PFM)
IN
V
V
F
1
L
I
V
§
·
˜ ¨
¸
˜
©
¹
t
VREF = 1.233V
ILIM
SLEEP
ACTIVE
SLEEP
ACTIVE
IOUT1
IOUT2
ACTIVE
10mV
VOUT
VIN
SLEEP ACTIVE
Inductor
Current
FB
Voltage
(internal)
SW
Voltage
15
LM5166
www.ti.com
SNVSA67A – DECEMBER 2016 – REVISED DECEMBER 2016
Product Folder Links: LM5166
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.2.1 PFM Mode Operation
In PFM mode, the LM5166 behaves as a hysteretic voltage regulator operating in boundary conduction mode.
The output voltage is regulated between upper and lower threshold levels according to the PFM feedback
comparator hysteresis of 10 mV. Figure 39 shows the relevant output voltage and inductor current waveforms.
The LM5166 provides the required switching pulses to recharge the output capacitor to the upper threshold,
followed by a sleep period where most of the internal circuits are disabled. The load current is supported by the
output capacitor during this time, and the LM5166 current consumption reduces to 9.7 µA. The sleep period
duration depends on load current and output capacitance.
Figure 39. PFM Mode Output Voltage and Inductor Current Waveforms
When operating in PFM mode at given input and output voltages, the chosen filter inductance dictates the PFM
pulse frequency as
(1)
where IPK(PFM) is one of the programmable levels for peak current limit. See Adjustable Current Limit for more
detail.
One of the supported ILIM settings enables a function that modulates the peak current threshold levels during
the first three switching cycles of each active period as illustrated in Figure 40. This function improves efficiency
under most application conditions at the expense of slightly degraded transient load response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com