Electronic Components Datasheet Search
  English  ▼

X  

LM5166DRCT Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LM5166DRCT
Description  3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low IQ
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5166DRCT Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM5166DRCT Datasheet HTML 25Page - Texas Instruments LM5166DRCT Datasheet HTML 26Page - Texas Instruments LM5166DRCT Datasheet HTML 27Page - Texas Instruments LM5166DRCT Datasheet HTML 28Page - Texas Instruments LM5166DRCT Datasheet HTML 29Page - Texas Instruments LM5166DRCT Datasheet HTML 30Page - Texas Instruments LM5166DRCT Datasheet HTML 31Page - Texas Instruments LM5166DRCT Datasheet HTML 32Page - Texas Instruments LM5166DRCT Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
Load (mA)
0.01
0.1
1
10
100
500
30
40
50
60
70
80
90
100
D001
VIN = 8V
VIN = 12V
VIN = 24V
VIN = 36V
VIN = 65V
Load (mA)
0.01
0.1
1
10
100
500
4.9
4.92
4.94
4.96
4.98
5
5.02
5.04
5.06
5.08
5.1
D001
D001
VIN = 8V
VIN = 12V
VIN = 24V
VIN = 36V
29
LM5166
www.ti.com
SNVSA67A – DECEMBER 2016 – REVISED DECEMBER 2016
Product Folder Links: LM5166
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
The recommended high-frequency input capacitance is 2.2 μF or higher and should be a high-quality ceramic
with sufficient voltage rating. Based on the voltage coefficient of ceramic capacitors, choose a voltage rating of
twice the maximum input voltage. Additionally, some bulk capacitance is required if the LM5166 circuit is not
located within approximately 5 cm from the input voltage source. This capacitor provides damping to the
resonance associated with parasitic inductance of the supply lines and high-Q ceramics.
8.2.1.2.7
Soft-start Capacitor – CSS
Connect an external soft-start capacitor for a specific soft-start time. In this example, select a soft-start
capacitance of 33 nF based on Equation 18 to achieve a soft-start time of 4 ms.
8.2.1.2.8
Application Performance Curves
Unless otherwise stated, application performance curves were taken at TA = 25°C.
LF = 150 µH
COUT = 47 µF
FSW(nom) = 100 kHz
RRT = 309 kΩ
Figure 51. Converter Efficiency
LF = 150 µH
COUT = 47 µF
FSW(nom) = 100 kHz
RRT = 309 kΩ
Figure 52. Converter Regulation
Time Scale: 20 ms/Div
CH1: VSW, 5 V/Div
CH2: VOUT, 50 mV/Div
CH4: IL, 200 mA/Div
Figure 53. No Load Switching Waveforms, VIN = 24 V
Time Scale: 10 µs/Div
CH1: VSW, 5 V/Div
CH2: VOUT, 50 mV/Div
CH4: IL, 200 mA/Div
Figure 54. Full Load Switching Waveforms, VIN = 24 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com