Electronic Components Datasheet Search
  English  ▼

X  

LM5166DRCT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM5166DRCT
Description  3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low IQ
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5166DRCT Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5166DRCT Datasheet HTML 2Page - Texas Instruments LM5166DRCT Datasheet HTML 3Page - Texas Instruments LM5166DRCT Datasheet HTML 4Page - Texas Instruments LM5166DRCT Datasheet HTML 5Page - Texas Instruments LM5166DRCT Datasheet HTML 6Page - Texas Instruments LM5166DRCT Datasheet HTML 7Page - Texas Instruments LM5166DRCT Datasheet HTML 8Page - Texas Instruments LM5166DRCT Datasheet HTML 9Page - Texas Instruments LM5166DRCT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
6
LM5166
SNVSA67A – DECEMBER 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: LM5166
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Typical values correspond to TJ = 25°C. Minimum and maximum limits are based on TJ = –40°C to +125°C. VIN = 12 V
(unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RPGOOD
PGOOD on-resistance
VFB = 1 V
80
200
Ω
VINMIN-PGOOD
Minimum required VIN for valid
PGOOD
VVIN falling
IPGOOD = 0.1 mA, VPGOOD < 0.5 V
1.2
1.65
V
IPGOOD
PGOOD off-state leakage
VFB = 1.2 V, VPGOOD = 5.5 V
10
100
nA
ENABLE / UVLO
VIN-ON
Turn-on threshold
VVIN rising
2.60
2.75
2.95
V
VIN-OFF
Turn-off threshold
VVIN falling
2.35
2.45
2.60
V
VEN-ON
EN turn-on threshold
VEN rising
1.163
1.22
1.276
V
VEN-OFF
EN turn-off threshold
VEN falling
1.109
1.144
1.178
V
VEN-HYS
EN hysteresis
76
mV
VEN-SD
EN shutdown threshold
VEN falling
0.3
0.6
V
RHYS
HYS on-resistance
VEN = 1 V
80
200
Ω
IHYS
HYS off-state leakage
VEN = 1.5 V, VHYS = 5.5 V
10
100
nA
SOFT-START
ISS
Soft-start charging current
VSS = 1 V
10
µA
TSS-INT
Soft-start rise time
SS floating
900
µs
THERMAL SHUTDOWN
TJ-SD
Thermal shutdown threshold
170
°C
TJ-SD-HYS
Thermal shutdown hysteresis
10
6.6 Switching Characteristics
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TON-MIN
Minimum on-time
180
ns
TON1
On-time
16 kΩ from RT to GND
280
ns
TON2
On-time
75 kΩ from RT to GND
1150
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com