Electronic Components Datasheet Search
  English  ▼

X  

LM5166DRCT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM5166DRCT
Description  3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low IQ
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5166DRCT Datasheet(HTML) 3 Page - Texas Instruments

  LM5166DRCT Datasheet HTML 1Page - Texas Instruments LM5166DRCT Datasheet HTML 2Page - Texas Instruments LM5166DRCT Datasheet HTML 3Page - Texas Instruments LM5166DRCT Datasheet HTML 4Page - Texas Instruments LM5166DRCT Datasheet HTML 5Page - Texas Instruments LM5166DRCT Datasheet HTML 6Page - Texas Instruments LM5166DRCT Datasheet HTML 7Page - Texas Instruments LM5166DRCT Datasheet HTML 8Page - Texas Instruments LM5166DRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
SS
ILIM
RT
PGOOD
SW
FB
GND
EN
VIN
HYS
1
2
3
4
5
10
9
8
7
6
SS
ILIM
RT
PGOOD
SW
VOUT
GND
EN
VIN
HYS
1
2
3
4
5
10
9
8
7
6
LM5166X, LM5166Y
Fixed Output Versions
LM5166
Adjustable Output Version
3
LM5166
www.ti.com
SNVSA67A – DECEMBER 2016 – REVISED DECEMBER 2016
Product Folder Links: LM5166
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
P = Power, G = Ground, I = Input, O = Output.
5 Pin Configuration and Functions
VSON
10-Pin
Top View
Pin Functions
PIN
I/O(1)
DESCRIPTION
NUMBER
NAME
1
SW
P
Switching node that is internally connected to the drain of the PFET buck switch (high side) and
the drain of the NFET synchronous rectifier (low side). Connect to the filter inductor.
2
VIN
P
Regulator supply input pin to high-side power MOSFET and internal bias rail LDO. Connect to
input supply and input filter capacitor CIN. The path from the VIN pin to the input capacitor must be
as short as possible.
3
ILIM
I
Programming pin for current limit. Connecting the appropriate resistance from the ILIM pin to GND
selects one of the three current limit options. The available current limit options are detailed in
Table 3.
4
SS
I
Programming pin for the soft-start delay. If a 100-kΩ resistor is connected from the SS pin to GND,
the internal soft-start circuit is disabled and the FB comparator reference steps immediately from
zero to full value when the regulator is enabled by the EN input. If the SS pin is left open, the
internal soft-start circuit ramps the FB reference from zero to full value in 900 µs. If a capacitor is
connected from the SS pin to GND, the soft-start time can be set longer than 900 µs.
5
RT
I
Mode select and on-time programming pin for Constant On-Time control. Connect a resistor from
the RT pin to GND to program the on-time and hence switching frequency. Short RT to GND to
select PFM (pulse frequency modulation) operation.
6
PGOOD
O
Power Good output flag pin. PGOOD is connected to the drain of an NFET that holds the pin low
when either FB or VOUT is not in regulation. Use a 10-kΩ to 100-kΩ pullup resistor to system
voltage rail or VOUT (no higher than 12 V).
7
EN
I
Input pin of the precision enable / UVLO comparator. The regulator is enabled when the EN pin
voltage is greater than 1.22 V.
8
VOUT or FB
I
Feedback input to the voltage regulation loop. VOUT pin connects the internal feedback resistor
divider to the regulator output voltage for the fixed 3.3-V or 5-V options. FB pin connects the
internal feedback comparator to an external resistor divider for the adjustable voltage option. The
reference for the FB pin comparator is 1.223 V.
9
HYS
O
Drain of internal NFET that is turned off when the EN input is greater than the EN pin threshold.
External resistors from HYS to EN and GND program the input UVLO threshold and hysteresis.
10
GND
G
Regulator ground return.
-
PAD
P
Connect to GND pin and system ground on PCB. Path to CIN must be as short as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com