Electronic Components Datasheet Search
  English  ▼

X  

LM5166DRCT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM5166DRCT
Description  3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low IQ
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5166DRCT Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5166DRCT Datasheet HTML 9Page - Texas Instruments LM5166DRCT Datasheet HTML 10Page - Texas Instruments LM5166DRCT Datasheet HTML 11Page - Texas Instruments LM5166DRCT Datasheet HTML 12Page - Texas Instruments LM5166DRCT Datasheet HTML 13Page - Texas Instruments LM5166DRCT Datasheet HTML 14Page - Texas Instruments LM5166DRCT Datasheet HTML 15Page - Texas Instruments LM5166DRCT Datasheet HTML 16Page - Texas Instruments LM5166DRCT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
HI ILIM
DETECT
VDD UVLO
ON-TIME
ONE SHOT
LDO BIAS
REGULATOR
VIN
FB
ENABLE
THERMAL
SHUTDOWN
VIN UVLO
ZC / LS ILIM
DETECT
VDD
ZC
I-LIMIT
SELECT
Control
Logic
VIN
IN
OUT
HYSTERETIC
MODE
REFERENCE
SOFT-START
ENABLE
VOLTAGE
REFERENCE
1.223V
VIN
1.22V
1.144V
EN
HYS
ILIM
SW
VOUT
RT
SS
GND
PGOOD
1.137V
1.088V
UV
+
+
+
s
Copyright © 2016, Texas Instruments Incorporated
13
LM5166
www.ti.com
SNVSA67A – DECEMBER 2016 – REVISED DECEMBER 2016
Product Folder Links: LM5166
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM5166 regulator is an easy-to-use synchronous buck DC/DC converter that operates from a 3-V to 65-V
supply voltage. The device is intended for step-down conversions from 5-V, 12-V, 24-V, and 48-V unregulated,
semi-regulated and fully-regulated supply rails. With integrated high-side and low-side power MOSFETs, the
LM5166 delivers up to 500-mA DC load current with exceptional efficiency and ultra-low input quiescent current
in a very small solution size.
Designed for simple implementation, a choice of operating modes offers flexibility to optimize its usage according
to the target application. Fixed-frequency, constant on-time (COT) operation with discontinuous conduction mode
(DCM) at light loads is ideal for low-noise, high current, fast transient load requirements. Alternatively, pulse
frequency modulation (PFM) mode achieves ultra-high light-load efficiency performance. Control loop
compensation is not required with either operating mode which reduces design time and external component
count.
The LM5166 incorporates other features for comprehensive system requirements, including an open-drain Power
Good circuit for power-rail sequencing and fault reporting, internally-fixed or externally-adjustable soft-start,
monotonic startup into pre-biased loads, precision enable with customizable hysteresis for programmable line
undervoltage lockout (UVLO), and thermal shutdown with automatic recovery. These features enable a flexible
and easy-to-use platform for a wide range of applications. The pin arrangement is designed for simple and
optimized PCB layout, requiring only a few external components.
7.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com