Electronic Components Datasheet Search
  English  ▼

X  

MIC4600 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC4600
Description  28V Half-Bridge MOSFET Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4600 Datasheet(HTML) 1 Page - Microchip Technology

  MIC4600 Datasheet HTML 1Page - Microchip Technology MIC4600 Datasheet HTML 2Page - Microchip Technology MIC4600 Datasheet HTML 3Page - Microchip Technology MIC4600 Datasheet HTML 4Page - Microchip Technology MIC4600 Datasheet HTML 5Page - Microchip Technology MIC4600 Datasheet HTML 6Page - Microchip Technology MIC4600 Datasheet HTML 7Page - Microchip Technology MIC4600 Datasheet HTML 8Page - Microchip Technology MIC4600 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
 2016 Microchip Technology Inc.
DS20005584A-page 1
MIC4600
Features
• Adjustable Dead Time Circuitry
• Anti-Shoot-Through Protection
• Internal LDO For Single Supply Operation
• Input Voltage Range: 4.5V to 28V
• Fast Propagation Delay – 20 ns
• Up To 1.5 MHz Operation
• Low Voltage Logic Level Inputs For μC or FPGA
Driven Power Solutions
• Independent Inputs For Low and High Side
Drivers
•2Ω Gate Drive Capable Of Driving 3000 pF Load
With 15 ns Rise and Fall Times
• Low 450 μA Typical Quiescent Current
• 3 mm × 3 mm VQFN Package
• –40
C to +125C Junction Temperature Range
Applications
• Distributed Power Systems
• Communications/Networking Infrastructure
• Set-Top Box, Gateways And Routers
• Printers and Scanners
• μP and FPGA Controlled DC-DC Regulator
General Description
The MIC4600 is a 28V half bridge MOSFET driver
targeted for cost sensitive applications requiring high
performance such as set-top boxes, gateways, routers,
computing peripherals, telecom and networking
equipment.
The MIC4600 operates over a supply range of 4.5V to
28V. It has an internal linear regulator which provides a
regulated 5V to power the MOSFET gate drive and
operates up to 1.5 MHz switching frequency.
The MIC4600 uses an adjustable dead time circuit to
prevent shoot-through in the external high and low-side
MOSFETs.
The MIC4600 is available in a small 3mm × 3mm VQFN
package with a junction temperature range of –40°C to
125°C.
Package Types
MIC4600
3x3 VQFN
Top View
VIN
HSI
DL
PGND
EN
DH
SW
LSI
EPAD
1
2
3
4
12
11
10
9
16
15
14
13
56
78
28V Half-Bridge MOSFET Driver


Similar Part No. - MIC4600

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC4600 MICROCHIP-MIC4600 Datasheet
1Mb / 26P
28V Half-Bridge MOSFET Driver
Revision B November 2020
MIC4600 MICROCHIP-MIC4600 Datasheet
1Mb / 26P
28V Half-Bridge MOSFET Driver
Revision B November 2020
MIC4600YML-T5 MICROCHIP-MIC4600YML-T5 Datasheet
1Mb / 26P
28V Half-Bridge MOSFET Driver
Revision B November 2020
MIC4600YML-T5 MICROCHIP-MIC4600YML-T5 Datasheet
1Mb / 26P
28V Half-Bridge MOSFET Driver
Revision B November 2020
MIC4600YML-TR MICROCHIP-MIC4600YML-TR Datasheet
1Mb / 26P
28V Half-Bridge MOSFET Driver
Revision B November 2020
More results

Similar Description - MIC4600

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5022 MICREL-MIC5022 Datasheet
130Kb / 9P
Half-Bridge MOSFET Driver
MIC5022 MICREL-MIC5022_05 Datasheet
198Kb / 10P
Half-Bridge MOSFET Driver
logo
Allegro MicroSystems
A4926 ALLEGRO-A4926 Datasheet
785Kb / 36P
Automotive Half-Bridge MOSFET Driver
A4927 ALLEGRO-A4927 Datasheet
857Kb / 40P
Automotive Half-Bridge MOSFET Driver
logo
Monolithic Power System...
EVQ6523-R-00A MPS-EVQ6523-R-00A Datasheet
483Kb / 5P
0.9A, 28V Three half-bridge Motor Driver Evaluation Board
EVQ6526-R-00A MPS-EVQ6526-R-00A Datasheet
653Kb / 6P
0.9A, 28V Six Half-Bridge Motor Driver Evaluation Board
EVQ6526-U-00A MPS-EVQ6526-U-00A Datasheet
614Kb / 6P
0.9A, 28V Six Half-Bridge Motor Driver Evaluation Board
logo
Allegro MicroSystems
A4928 ALLEGRO-A4928 Datasheet
1Mb / 41P
Automotive Half-Bridge MOSFET Driver
logo
AiT Semiconductor Inc.
AG2104 AITSEMI-AG2104 Datasheet
557Kb / 9P
MOSFET/IGBT GATE DRIVER HALF-BRIDGE DRIVER
REV1.0
logo
Microchip Technology
MIC4600 MICROCHIP-MIC4600_V01 Datasheet
1Mb / 26P
28V Half-Bridge MOSFET Driver
Revision B November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com