Electronic Components Datasheet Search
  English  ▼

X  

MIC4600 Datasheet(PDF) 14 Page - Microchip Technology

Part # MIC4600
Description  28V Half-Bridge MOSFET Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4600 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MIC4600 Datasheet HTML 10Page - Microchip Technology MIC4600 Datasheet HTML 11Page - Microchip Technology MIC4600 Datasheet HTML 12Page - Microchip Technology MIC4600 Datasheet HTML 13Page - Microchip Technology MIC4600 Datasheet HTML 14Page - Microchip Technology MIC4600 Datasheet HTML 15Page - Microchip Technology MIC4600 Datasheet HTML 16Page - Microchip Technology MIC4600 Datasheet HTML 17Page - Microchip Technology MIC4600 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
MIC4600
DS20005584A-page 14
 2016 Microchip Technology Inc.
6.5
Power Dissipation Considerations
Power dissipation in the driver can be separated into
two areas:
• Quiescent current dissipation
• Internal driver dissipation
6.6
Quiescent Current Power
Dissipation
Power is dissipated in the MIC4600 even if nothing is
being driven. The quiescent current is drawn by the
bias for the internal circuitry and the level shifting
circuitry. The quiescent current is proportional to
operating frequency. The typical characteristic graphs
show how quiescent current varies with switching
frequency.
The power dissipated due to quiescent current is
calculated in Equation 6-5.
EQUATION 6-5:
6.7
Gate Driver Power Dissipation
Power dissipation in the output driver stage is mainly
caused by charging and discharging the gate to source
and gate to drain capacitance of the external MOSFET.
Figure 6-1 shows a simplified equivalent circuit of the
MIC4600 driving an external high-side MOSFET.
FIGURE 6-1:
MIC4600 Driving an
External MOSFET.
6.7.1
DISSIPATION DURING THE
EXTERNAL MOSFET TURN-ON
Energy from capacitor CB is used to charge up the input
capacitance of the MOSFET (CGD and CGS). The
energy delivered to the MOSFET is dissipated in the
three resistive components, RON, RG and RG_FET. RON
is the on resistance of the upper driver MOSFET in the
MIC4600. RG is the series resistor (if any) between the
driver IC and the MOSFET. RG_FET is the gate
resistance of the MOSFET. RG_FET is usually listed in
the power MOSFET’s specifications. The ESR of
capacitor CB and the resistance of the connecting etch
can be ignored since they are much less than RON and
RG_FET.
The effective capacitances of CGD and CGS are difficult
to calculate because they vary non-linearly with ID,
VGS, and VDS. Fortunately, most power MOSFET
specifications include a typical graph of total gate
charge vs. VGS. Figure 6-2 is a typical gate charge
curve for a power MOSFET. This chart shows that for a
gate voltage of 4.5V, the MOSFET gate is charged up
to 25 nC of total gate charge. The energy dissipated by
the resistive components of the gate drive circuit during
turn-on is calculated as noted in Equation 6-6 through .
EQUATION 6-6:
but:
EQUATION 6-7:
so:
EQUATION 6-8:
Where:
CISS = Total gate capacitance of the MOSFET
FIGURE 6-2:
Typical Gate Charge vs.
VGS.
The same energy is dissipated by ROFF, RG, and
RG_FET when the driver IC turns the MOSFET off.
Assuming RON is approximately equal to ROFF, the total
energy and power dissipated by the resistive drive
elements is illustrated in Equation 6-9.
P
DISS _IQ
V
DD
I
DD
=
SW
BST
DH
EXTERNAL FET
VDD
C
B
R
G
R
G_FET
R
ON
R
OFF
C
GD
C
GS
MIC4600
HIGH-SIDE DRIVER
E
1
2
---
C
ISS
V
GS
2
=
QC
V
=
E
1
2
---
Q
G
V
GS
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com