Electronic Components Datasheet Search
  English  ▼

X  

MIC4600 Datasheet(PDF) 19 Page - Microchip Technology

Part # MIC4600
Description  28V Half-Bridge MOSFET Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4600 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MIC4600 Datasheet HTML 15Page - Microchip Technology MIC4600 Datasheet HTML 16Page - Microchip Technology MIC4600 Datasheet HTML 17Page - Microchip Technology MIC4600 Datasheet HTML 18Page - Microchip Technology MIC4600 Datasheet HTML 19Page - Microchip Technology MIC4600 Datasheet HTML 20Page - Microchip Technology MIC4600 Datasheet HTML 21Page - Microchip Technology MIC4600 Datasheet HTML 22Page - Microchip Technology MIC4600 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
 2016 Microchip Technology Inc.
DS20005584A-page 19
MIC4600
16-Lead VQFN 3 mm x 3 mm Package Outline and Recommended Land Pattern
Microchip Technology Drawing C04-404B Sheet 2 of 2
16-Lead Plastic Quad Flat, No Lead Package (8N) - 3x3x1.0 mm Body [VQFN]
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Wettable Flanks (Stepped), 0.35 mm Terminal Length
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1. Pin 1 visual index feature may vary, but must be located within the hatched area.
2. Package is saw singulated
3. Dimensioning and tolerancing per ASME Y14.5M
Notes:
Dimension Limits
Units
MAX
MIN
NOM
MILLIMETERS
Terminal Width
b
0.18
0.25
0.30
Pitch
Number of Terminals
Overall Width
Standoff
Overall Length
Overall Height
A1
D
E
N
e
A
0.00
3.00 BSC
16
0.50 BSC
0.05
1.00
0.90
0.02
Terminal Length
L
0.25
0.35
0.45
E2
D2
Exposed Pad Width
Exposed Pad Length
1.00
1.10
1.50
0.80
3.00 BSC
1.10
1.00
1.50
Terminal Thickness
A3
0.20 REF
K-
0.20
-
Terminal-to-Exposed Pad
Step Length
L1
Step Height
A4
C
SEATING
PLANE
DETAIL A
0.10 C
0.08 C
16X
(A3)
A
L1
A4
A1
0.035
0.060
0.085
0.05
0.12
0.19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com