Electronic Components Datasheet Search
  English  ▼

X  

MIC4600 Datasheet(PDF) 20 Page - Microchip Technology

Part # MIC4600
Description  28V Half-Bridge MOSFET Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4600 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MIC4600 Datasheet HTML 16Page - Microchip Technology MIC4600 Datasheet HTML 17Page - Microchip Technology MIC4600 Datasheet HTML 18Page - Microchip Technology MIC4600 Datasheet HTML 19Page - Microchip Technology MIC4600 Datasheet HTML 20Page - Microchip Technology MIC4600 Datasheet HTML 21Page - Microchip Technology MIC4600 Datasheet HTML 22Page - Microchip Technology MIC4600 Datasheet HTML 23Page - Microchip Technology MIC4600 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
MIC4600
DS20005584A-page 20
 2016 Microchip Technology Inc.
16-Lead VQFN 3 mm x 3 mm Package Outline and Recommended Land Pattern
RECOMMENDED LAND PATTERN
Dimension Limits
Units
C2
Optional Center Pad Width
Contact Pad Spacing
Optional Center Pad Length
Contact Pitch
Y2
X2
1.50
1.50
MILLIMETERS
0.50 BSC
MIN
E
MAX
2.60
Contact Pad Length (X16)
Contact Pad Width (X16)
Y1
X1
0.50
0.30
Microchip Technology Drawing C04-2404A
NOM
16-Lead Plastic Quad Flat, No Lead Package (8N) - 3x3x1.0 mm Body [VQFN]
SILK SCREEN
C1
Contact Pad Spacing
2.60
Contact Pad to Center Pad (X16)
G1
0.30
Thermal Via Diameter
V
Thermal Via Pitch
EV
0.30
1.00
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Wettable Flanks (Stepped), 0.35 mm Terminal Length
Contact Pad to Contact Pad (X12)
G2
0.20
C1
EV
EV
C2
E
X2
Y2
X1
Y1
G1
G2
ØV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com