Electronic Components Datasheet Search
  English  ▼

X  

MIC4600 Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC4600
Description  28V Half-Bridge MOSFET Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4600 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC4600 Datasheet HTML 8Page - Microchip Technology MIC4600 Datasheet HTML 9Page - Microchip Technology MIC4600 Datasheet HTML 10Page - Microchip Technology MIC4600 Datasheet HTML 11Page - Microchip Technology MIC4600 Datasheet HTML 12Page - Microchip Technology MIC4600 Datasheet HTML 13Page - Microchip Technology MIC4600 Datasheet HTML 14Page - Microchip Technology MIC4600 Datasheet HTML 15Page - Microchip Technology MIC4600 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
MIC4600
DS20005584A-page 12
 2016 Microchip Technology Inc.
5.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 5-1.
TABLE 5-1:
PIN FUNCTION TABLE
Pin Number
Pin Name
Pin Function
1VIN
VIN Supply (Input): Input supply to the internal LDO.The VIN operating voltage
range is from 4.5V to 28V. Connect a decoupling capacitor between this pin and
PGND.
2EN
Enable (Input): A logic level high allows normal operation. A logic level low on this
pin shuts down the drive in a low quiescent current state. The EN pin must not be
left floating.
3
HSI
High side input (input): A logic level input that controls the high side gate drive.
4
LSI
Low side input (input): A logic level input that controls the low side gate drive.
5
NC
No Connect. Not internally connected.
6
FAULT
FAULT (Output). The active low, open drain output pulls low during an
over-temperature fault. A resistor to VDD is needed to pull this signal high.
7
DELAY
Delay (Output). Connect a resistor from this pin to ground to adjust the dead time
(break before make).
8, 16
AGND
Analog ground. AGND must be connected directly to the ground planes. Do not
route the AGND pin to the PGND Pad on the top layer. Refer to the PCB layout
guidelines for details.
9
PGND
Power Ground. PGND is the ground path for the MIC4600 output drivers. The
PGND pin should be connected to the source of low-side N-Channel MOSFET and
the negative terminals of decoupling capacitors.
10
DL
Drive Low (Output). Low side MOSFET gate driver.
11
SW
Switch Node (Output): Internal connection for the high-side MOSFET source and
low-side MOSFET drain. Due to the high speed switching on this pin, the SW pin
should be routed away from sensitive nodes.
12
DH
Drive High (Output). High side MOSFET gate driver.
13
BST
Boost (output): Bootstrapped voltage to the high-side N-channel MOSFET driver.
Connect a Schottky diode between the VDD pin and the BST pin. Connect a boost
capacitor between the BST pin and the SW pin.
14
VDD
5V Internal Linear Regulator (Output): VDD supplies the power MOSFET gate drive
supply voltage. VDD is created by internal LDO from VIN. When VIN < +5.5V, VDD
should be tied to VIN pin. A 2.2 μF ceramic capacitor from the VDD pin to ground
plane on PCB is required for stability.
15
AVDD
5V Analog Input (Input): AVDD is the supply for the internal driver logic and control
circuitry. Connect the VDD output to the AVDD pin.
EPAD
EPAD
Exposed thermal pad. Connect to the ground plane for optimum thermal
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com