Electronic Components Datasheet Search
  English  ▼

X  

MIC4600 Datasheet(PDF) 18 Page - Microchip Technology

Part # MIC4600
Description  28V Half-Bridge MOSFET Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4600 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MIC4600 Datasheet HTML 14Page - Microchip Technology MIC4600 Datasheet HTML 15Page - Microchip Technology MIC4600 Datasheet HTML 16Page - Microchip Technology MIC4600 Datasheet HTML 17Page - Microchip Technology MIC4600 Datasheet HTML 18Page - Microchip Technology MIC4600 Datasheet HTML 19Page - Microchip Technology MIC4600 Datasheet HTML 20Page - Microchip Technology MIC4600 Datasheet HTML 21Page - Microchip Technology MIC4600 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
MIC4600
DS20005584A-page 18
 2016 Microchip Technology Inc.
16-Lead VQFN 3 mm x 3 mm Package Outline and Recommended Land Pattern
B
A
0.20 C
0.20 C
0.10
C A B
0.05
C
(DATUM B)
(DATUM A)
SEATING
PLANE
NOTE 1
N
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
NOTE 1
1
2
N
0.10
C A B
0.10
C A B
Microchip Technology Drawing C04-404B Sheet 1 of 2
2X
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
D
E
SEE DETAIL A
D2
E2
K
16-Lead Plastic Quad Flat, No Lead Package (8N) - 3x3x1.0 mm Body [VQFN]
Wettable Flanks (Stepped), 0.35 mm Terminal Length
L
e
2
1
2
e
16X b
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com