Electronic Components Datasheet Search
  English  ▼

X  

MCP1810 Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP1810
Description  Energy Harvesting
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1810 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP1810 Datasheet HTML 21Page - Microchip Technology MCP1810 Datasheet HTML 22Page - Microchip Technology MCP1810 Datasheet HTML 23Page - Microchip Technology MCP1810 Datasheet HTML 24Page - Microchip Technology MCP1810 Datasheet HTML 25Page - Microchip Technology MCP1810 Datasheet HTML 26Page - Microchip Technology MCP1810 Datasheet HTML 27Page - Microchip Technology MCP1810 Datasheet HTML 28Page - Microchip Technology MCP1810 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
 2016 Microchip Technology Inc.
DS20005623A-page 25
MCP1810
Microchip Technology Drawing C04-1207A Sheet 2 of 2
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
3.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
8-Lead Very Thin Plastic Dual Flat, No Lead Package (J8A) - 2x2 mm Body [VDFN]
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Number of Terminals
Overall Height
Terminal Width
Overall Width
Terminal Length
Exposed Pad Width
Terminal Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
E2
A3
e
L
E
N
0.50 BSC
0.20 REF
0.85
0.25
0.20
0.80
0.00
0.25
0.30
0.90
0.85
0.02
2.00 BSC
MILLIMETERS
MIN
NOM
8
0.95
0.35
0.30
0.90
0.05
MAX
K
0.25 REF
Terminal-to-Exposed-Pad
Overall Length
Exposed Pad Length
D
D2
1.65
2.00 BSC
1.70
1.75
With 1.7x0.9 mm Exposed Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com