Electronic Components Datasheet Search
  English  ▼

X  

MCP1810 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP1810
Description  Energy Harvesting
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1810 Datasheet(HTML) 4 Page - Microchip Technology

  MCP1810 Datasheet HTML 1Page - Microchip Technology MCP1810 Datasheet HTML 2Page - Microchip Technology MCP1810 Datasheet HTML 3Page - Microchip Technology MCP1810 Datasheet HTML 4Page - Microchip Technology MCP1810 Datasheet HTML 5Page - Microchip Technology MCP1810 Datasheet HTML 6Page - Microchip Technology MCP1810 Datasheet HTML 7Page - Microchip Technology MCP1810 Datasheet HTML 8Page - Microchip Technology MCP1810 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
MCP1810
DS20005623A-page 4
 2016 Microchip Technology Inc.
Load Regulation
VOUT/VOUT
-3
1
+3
%
VIN =(VIN(MIN) +VIN(MAX))/2
IOUT = 0.02 mA to 150 mA
(Note 1)
Dropout Voltage
VDROPOUT
——
380
mV
IOUT =150 mA
VR ≤ 3.5V (Note 4)
——
280
mV
IOUT =100 mA
VR > 3.5V (Note 4)
Shutdown Input
Logic High Input
VSHDN-HIGH
70
——
%VIN
VIN =VR + 800 mV or 2.7V
(whichever is greater)
IOUT =1 mA (Note 3)
Logic Low Input
VSHDN-LOW
——
30
%VIN
VIN =VR + 800 mV or 2.7V
(whichever is greater)
IOUT =1 mA (Note 3)
AC Performance
Output Delay from SHDN
TOR
—20
—
ms
SHDN = GND to VIN
VOUT = GND to 95% VR
Output Noise
eN
—0.48
—
µV/
Hz
VIN = 3.3V
CIN = COUT = 2.2 µF ceramic
(X7R)
VR = 2.5V, IOUT = 50 mA
f = 1 kHz
—48
—
µVrms
VIN = 3.3V
CIN = COUT = 2.2 µF ceramic
(X7R)
VR = 2.5V, IOUT = 50 mA
f = 100 Hz to 1 MHz
Power Supply Ripple
Rejection Ratio
PSRR
—
40
—
dB
f = 100 Hz, IOUT =10 mA
VINAC =200 mV pk-pk
CIN =0 µF
AC/DC CHARACTERISTICS (CONTINUED)
Electrical Specifications:
Unless otherwise noted, VIN =VR +800 mV (Note 1), IOUT =1 mA, CIN =COUT =2.2 µF
ceramic (X7R), TA = +25°C. Boldface type applies for junction temperatures TJ of -40°C to +85°C (Note 2).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
The minimum VIN must meet two conditions: VIN  VIN(MIN) and VIN  VR  VDROPOUT(MAX).
2:
The junction temperature is approximated by soaking the device under test at an ambient temperature
equal to the desired junction temperature. The test time is short enough such that the rise in junction
temperature over the ambient temperature is not significant.
3:
VR is the nominal regulator output voltage. VR = 1.2V, 1.8V, 2.5V, 3.0V, 3.3V or 4.2V.
4:
Dropout voltage is defined as the input-to-output voltage differential at which the output voltage drops 3%
below its nominal value that was measured with an input voltage of VIN =VOUT(MAX) +VDROPOUT(MAX).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com