Electronic Components Datasheet Search
  English  ▼

X  

MCP1810 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1810
Description  Energy Harvesting
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1810 Datasheet(HTML) 1 Page - Microchip Technology

  MCP1810 Datasheet HTML 1Page - Microchip Technology MCP1810 Datasheet HTML 2Page - Microchip Technology MCP1810 Datasheet HTML 3Page - Microchip Technology MCP1810 Datasheet HTML 4Page - Microchip Technology MCP1810 Datasheet HTML 5Page - Microchip Technology MCP1810 Datasheet HTML 6Page - Microchip Technology MCP1810 Datasheet HTML 7Page - Microchip Technology MCP1810 Datasheet HTML 8Page - Microchip Technology MCP1810 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
MCP1810
 2016 Microchip Technology Inc.
DS20005623A-page 1
Features
• Ultra-Low Quiescent Current: 20 nA (typical)
• Ultra-Low Shutdown Supply Current:
1nA (typical)
• 150 mA Output Current Capability for VR ≤ 3.5V
• 100 mA Output Current Capability for VR  3.5V
• Input Operating Voltage Range: 2.5V to 5.5V
• Standard Output Voltages (VR): 1.2V, 1.8V, 2.5V,
3.0V, 3.3V, 4.2V
• Low Dropout Voltage: 380 mV maximum at
150 mA
• Stable with 1.0 µF Ceramic Output Capacitor
• Overcurrent Protection
• Space Saving, 8-Lead Very Thin Plastic Dual Flat,
No Lead Package, 2 x 2 mm Body VDFN
Applications
• Energy Harvesting
• Long-Life, Battery-Powered Applications
• Smart Cards
• Ultra-Low Consumption “Green” Products
• Portable Electronics
Package Types
For VR < 4.0V, SOT-23 5-Lead package is also
available by request.
Description
The MCP1810 is a 150 mA (for VR ≤ 3.5V), 100 mA (for
VR  3.5V) low dropout (LDO) linear regulator that
provides high-current and low-output voltages, while
maintaining an ultra-low 20 nA of quiescent current
during device operation. In addition, the MCP1810 can
be shut down for an even lower 1 nA (typical) supply
current draw.
The
MCP1810
comes
in
six
standard
fixed
output-voltage versions: 1.2V, 1.8V, 2.5V, 3.0V, 3.3V
and 4.2V.
The 150 mA output current capability, combined with
the low output-voltage capability, make the MCP1810 a
good choice for new ultra-long-life LDO applications
that have high-current demands, but require ultra-low
power consumption during sleep states.
The MCP1810 is stable with ceramic output capacitors
that inherently provide lower output noise and reduce
the size and cost of the entire regulator solution. Only
1 µF (2.2 µF recommended) of output capacitance is
needed to stabilize the LDO.
The MCP1810 ultra-low quiescent and shutdown
current allows it to be paired with other ultra-low current
draw devices, such as Microchip’s nanoWatt eXtreme
Low Power (XLP) technology devices, for a complete
ultra-low power solution.
MCP1810
2x2 VDFN*
NC
VOUT
NC
VIN
FB
1
2
3
4
8
7
6
5 NC
SHDN
GND
*
Includes Exposed
Thermal Pad (EP);
see Table 3-1.
EP
9
Ultra-Low Quiescent Current LDO Regulator


Similar Part No. - MCP1810

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1811 MICROCHIP-MCP1811 Datasheet
1Mb / 18P
Ultra-Low Quiescent Current LDO Regulator for Long-Life Battery-Powered Applications
08/15/18
MCP1811A MICROCHIP-MCP1811A Datasheet
1Mb / 18P
Ultra-Low Quiescent Current LDO Regulator for Long-Life Battery-Powered Applications
08/15/18
MCP1811B MICROCHIP-MCP1811B Datasheet
1Mb / 18P
Ultra-Low Quiescent Current LDO Regulator for Long-Life Battery-Powered Applications
08/15/18
MCP1812 MICROCHIP-MCP1812 Datasheet
1Mb / 18P
Ultra-Low Quiescent Current LDO Regulator for Long-Life Battery-Powered Applications
08/15/18
MCP1812A MICROCHIP-MCP1812A Datasheet
1Mb / 18P
Ultra-Low Quiescent Current LDO Regulator for Long-Life Battery-Powered Applications
08/15/18
More results

Similar Description - MCP1810

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17710_1107 MAXIM-MAX17710_1107 Datasheet
1Mb / 17P
Energy-Harvesting Charger and Protector
Rev 1; 7/11
logo
Cymbet Corporation
CBC915-ACA CYMBET-CBC915-ACA Datasheet
780Kb / 16P
EnerChip??Energy Processor for Energy Harvesting Applications
logo
Micro Analog systems
MAS6011B MAS-MAS6011B Datasheet
181Kb / 10P
Solar Cell Energy Harvesting
logo
Maxim Integrated Produc...
MAX17710 MAXIM-MAX17710_13 Datasheet
1Mb / 18P
Energy-Harvesting Charger and Protector
Rev 2; 12/12
logo
Cymbet Corporation
CBC915 CYMBET-CBC915 Datasheet
769Kb / 16P
EnerChip Energy Processor for Energy Harvesting Applications
logo
List of Unclassifed Man...
EHE001 ETC2-EHE001 Datasheet
138Kb / 1P
ENERGY HARVESTING ELECTRONICS
EHE004 ETC2-EHE004 Datasheet
837Kb / 8P
ENERGY HARVESTING ELECTRONICS
logo
Linear Technology
DC2042A LINER-DC2042A_15 Datasheet
127Kb / 2P
ENERGY HARVESTING MULTI-SOURCE DEMOBOARD
logo
IC-Haus GmbH
IC-PMX ICHAUS-IC-PMX Datasheet
973Kb / 27P
ENERGY HARVESTING MULTITURN COUNTER/ENCODER
logo
Nexperia B.V. All right...
NEH2000BY NEXPERIA-NEH2000BY Datasheet
411Kb / 14P
Energy harvesting PMIC
Rev. 3.1 - 3 April 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com