Electronic Components Datasheet Search
  English  ▼

X  

MCP1810 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP1810
Description  Energy Harvesting
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1810 Datasheet(HTML) 3 Page - Microchip Technology

  MCP1810 Datasheet HTML 1Page - Microchip Technology MCP1810 Datasheet HTML 2Page - Microchip Technology MCP1810 Datasheet HTML 3Page - Microchip Technology MCP1810 Datasheet HTML 4Page - Microchip Technology MCP1810 Datasheet HTML 5Page - Microchip Technology MCP1810 Datasheet HTML 6Page - Microchip Technology MCP1810 Datasheet HTML 7Page - Microchip Technology MCP1810 Datasheet HTML 8Page - Microchip Technology MCP1810 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
 2016 Microchip Technology Inc.
DS20005623A-page 3
MCP1810
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Input voltage, VIN .....................................................................................................................................................+6.0V
Maximum Voltage on any pin - ......................................................................................................(GND - 0.3V) to +6.0V
Output Short-Circuit Duration................................................................................................. ............................Unlimited
Storage Temperature ............................................................................................................................. -65°C to +150°C
Maximum Junction Temperature, TJ ..................................................................................................................... +150°C
Operating Junction Temperature, TJ .........................................................................................................-40°C to +85°C
ESD protection on all pins (HBM) .......................................................................................................................... ≥ 4kV
† Notice:
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not intended. Exposure to maximum rating conditions for
extended periods may affect device reliability.
AC/DC CHARACTERISTICS
Electrical Specifications:
Unless otherwise noted, VIN =VR +800 mV (Note 1), IOUT =1 mA, CIN =COUT =2.2 µF
ceramic (X7R), TA = +25°C. Boldface type applies for junction temperatures TJ of -40°C to +85°C (Note 2).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input Operating Voltage
VIN
2.7
—
5.5
V
2.5
—
5.5
VVR  1.8V, IOUT < 50 mA
Output Voltage Range
VOUT
1.2
—
4.2
V
Input Quiescent Current
IQ
—20
50
nA
VIN =VR + 800 mV or 2.7V
(whichever is greater)
IOUT =0
Input Quiescent Current
for SHDN Mode
ISHDN
—
1
—
nA
SHDN =GND
Ground Current
IGND
—200
290
µA
VIN =VR + 800 mV or 2.7V
(whichever is greater)
IOUT = 150 mA, VR  3.5V
IOUT = 100 mA, VR > 3.5V
Maximum Continuous
Output Current
IOUT
——
150
mA
VR ≤ 3.5V
——
100
mA
VR  3.5V
Current Limit
IOUT
—350
—
mA
VOUT =0.9 x VR
VR ≤ 3.5V
—250
—
mA
VOUT =0.9 x VR
VR  3.5V
Output Voltage Regulation
VOUT
VR -4%
—
VR +4%
VVR <1.8V (Note 3)
VR -2%
—
VR +2%
VVR ≥ 1.8V (Note 3)
Line Regulation
VOUT/
(VOUT x VIN)
-4
—
+4
%/V
VIN = VIN(min.) to 5.5V
IOUT =50mA (Note 1)
Note 1:
The minimum VIN must meet two conditions: VIN  VIN(MIN) and VIN  VR  VDROPOUT(MAX).
2:
The junction temperature is approximated by soaking the device under test at an ambient temperature
equal to the desired junction temperature. The test time is short enough such that the rise in junction
temperature over the ambient temperature is not significant.
3:
VR is the nominal regulator output voltage. VR = 1.2V, 1.8V, 2.5V, 3.0V, 3.3V or 4.2V.
4:
Dropout voltage is defined as the input-to-output voltage differential at which the output voltage drops 3%
below its nominal value that was measured with an input voltage of VIN =VOUT(MAX) +VDROPOUT(MAX).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com