Electronic Components Datasheet Search
  English  ▼

X  

MCP1810 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP1810
Description  Energy Harvesting
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1810 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP1810 Datasheet HTML 13Page - Microchip Technology MCP1810 Datasheet HTML 14Page - Microchip Technology MCP1810 Datasheet HTML 15Page - Microchip Technology MCP1810 Datasheet HTML 16Page - Microchip Technology MCP1810 Datasheet HTML 17Page - Microchip Technology MCP1810 Datasheet HTML 18Page - Microchip Technology MCP1810 Datasheet HTML 19Page - Microchip Technology MCP1810 Datasheet HTML 20Page - Microchip Technology MCP1810 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
 2016 Microchip Technology Inc.
DS20005623A-page 17
MCP1810
3.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 3-1.
3.1
Ground Pin (GND)
For optimal noise and power supply rejection ratio
(PSRR) performance, the GND pin of the LDO should
be tied to an electrically quiet circuit ground. This will
help the LDO power supply rejection ratio and noise
performance. The GND pin of the LDO conducts only
ground current, so a heavy trace is not required. For
applications that have switching or noisy inputs, tie the
GND pin to the return of the output capacitor. Ground
planes help lower the inductance and voltage spikes
caused by fast transient load currents.
3.2
Regulated Output Voltage Pin
(VOUT)
The VOUT pin is the regulated output voltage of the
LDO. A minimum output capacitance of 1.0 µF is
required for LDO stability. The MCP1810 is stable with
ceramic,
tantalum
and
aluminum-electrolytic
capacitors. See Section 4.2 “Output Capacitor” for
output capacitor selection guidance.
3.3
Feedback Pin (FB)
The output voltage is connected to the FB input. This
sets the output voltage regulation value.
3.4
Input Voltage Supply Pin (VIN)
Connect the unregulated or regulated input voltage
source to VIN. If the input voltage source is located
several inches away from the LDO, or the input source
is a battery, it is recommended that an input capacitor
be used. A typical input capacitance value of 1 µF to
10 µF should be sufficient for most applications (2.2 µF,
typical). The type of capacitor used can be ceramic,
tantalum, or aluminum-electrolytic. However, the low
ESR characteristics of the ceramic capacitor will yield
better noise and PSRR performance at high frequency.
3.5
Shutdown Control Input (SHDN)
The SHDN input is used to turn the LDO output voltage
on and off. When the SHDN input is at a logic-high
level, the LDO output voltage is enabled. When the
SHDN input is pulled to a logic-low level, the LDO
output voltage is disabled. When the SHDN input is
pulled low, the LDO enters a low-quiescent current
shutdown state, where the typical quiescent current is
1nA.
3.6
Exposed Thermal Pad (EP)
The 2x2 VDFN 8-Lead package has an exposed
thermal pad on the bottom of the package. The
exposed thermal pad gives the device better thermal
characteristics by providing a good thermal path to
either the printed circuit board (PCB) or heat sink, to
remove heat from the device. The exposed pad of the
package is at ground potential.
TABLE 3-1:
PIN FUNCTION TABLE
MCP1810
2x2 VDFN
Name
Description
1
GND
Ground
2VOUT
Regulated Output Voltage
3, 4, 5
NC
Not connected pins (should either be left floated or connected to ground)
6
FB
Output Voltage Feedback Input
7VIN
Input Voltage Supply
8
SHDN
Shutdown Control Input (active-low)
9EP
Exposed Thermal Pad, connected to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com