Electronic Components Datasheet Search
  English  ▼

X  

MCP1810 Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP1810
Description  Energy Harvesting
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1810 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP1810 Datasheet HTML 24Page - Microchip Technology MCP1810 Datasheet HTML 25Page - Microchip Technology MCP1810 Datasheet HTML 26Page - Microchip Technology MCP1810 Datasheet HTML 27Page - Microchip Technology MCP1810 Datasheet HTML 28Page - Microchip Technology MCP1810 Datasheet HTML 29Page - Microchip Technology MCP1810 Datasheet HTML 30Page - Microchip Technology MCP1810 Datasheet HTML 31Page - Microchip Technology MCP1810 Datasheet HTML 32Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
 2016 Microchip Technology Inc.
DS20005623A-page 29
MCP1810
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
-XX
Output
Device
Voltage
X/
Temp.
XXX
Package
Device:
MCP1810T: Ultra-Low Quiescent Current LDO Regulator,
Tape and Reel
Standard Output
Voltages*:
12
= 1.2V
18
= 1.8V
25
= 2.5V
30
= 3.0V
33
= 3.3V
42
= 4.2V
*Contact factory for other output voltage options
Temperature:
I= -40
C to +85C (Industrial)
Package Type:
J8A = Very Thin Plastic Dual Flat, No Lead Package,
VDFN, 8-Lead, with 1.7 x 0.9 mm Exposed Pad
Examples:
a)
MCP1810T-12I/J8A:
Tape and reel,
1.2V output voltage,
Industrial temperature
8-LD VDFN package
b)
MCP1810T-18I/J8A:
Tape and reel,
1.8V output voltage,
Industrial temperature,
8-LD VDFN package
c)
MCP1810T-25I/J8A:
Tape and reel,
2.5V output voltage,
Industrial temperature,
8-LD VDFN package
d)
MCP1810T-30I/J8A:
Tape and reel,
3.0V output voltage,
Industrial temperature,
8-LD VDFN package
e)
MCP1810T-33I/J8A:
Tape and reel,
3.3V output voltage,
Industrial temperature,
8-LD VDFN package
f)
MCP1810T-42I/J8A:
Tape and reel,
4.2V output voltage,
Industrial temperature,
8-LD VDFN package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com