Electronic Components Datasheet Search
  English  ▼

X  

DF1E Datasheet(PDF) 5 Page - Hirose Electric

Part # DF1E
Description  2.5mm Pitch Connectors for Full Lock and Discrete Wire Connection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1E Datasheet(HTML) 5 Page - Hirose Electric

  DF1E Datasheet HTML 1Page - Hirose Electric DF1E Datasheet HTML 2Page - Hirose Electric DF1E Datasheet HTML 3Page - Hirose Electric DF1E Datasheet HTML 4Page - Hirose Electric DF1E Datasheet HTML 5Page - Hirose Electric DF1E Datasheet HTML 6Page - Hirose Electric DF1E Datasheet HTML 7Page - Hirose Electric DF1E Datasheet HTML 8Page - Hirose Electric DF1E Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
B150
DF1E Series
●2.5mm Pitch Connectors for Full Lock and Discrete Wire Connection
■Right Angle Pin Header
●PCB mounting pattern (Board Thickness t = 1.6 ± 0.1)
Note 1 : A packaging quantity is delivered by the bag unit (100 pcs.). If needed, please order the products per bag. However, the quantity
for delivery will be changed according to the Specific No.
Note 2 : The 2 to 4 contacts differ in two convex portions from those in above figures. The 2 and 3 contacts are not contained, but the 4
contact connector is contained in the center at one point.
Note 3 : Styles of 2 to 4 contact connectors partially differ from those in above figures.
Part No.
P = 2.5±0.05
A±0.1
*
–
Ø1.1
+0.1
0
DF1E-02P-2.5DS(**)
DF1E-03P-2.5DS(**)
DF1E-04P-2.5DS(**)
DF1E-05P-2.5DS(**)
DF1E-06P-2.5DS(**)
DF1E-07P-2.5DS(**)
DF1E-08P-2.5DS(**)
DF1E-09P-2.5DS(**)
DF1E-10P-2.5DS(**)
DF1E-11P-2.5DS(**)
DF1E-12P-2.5DS(**)
DF1E-13P-2.5DS(**)
DF1E-14P-2.5DS(**)
DF1E-15P-2.5DS(**)
Contact
No. mark
5.4
P=2.5
A
B
Mold Cavity
No. mark
M
0.64
Note 2
Contact
No.1 indicated
10
A
[Specific No.] –
* *, (* *)
(36) : Gold plated
(35) : Tin plated
HRS No.
541-0985-0 **
541-0986-3 **
541-0987-6 **
541-0988-9 **
541-0989-1 **
541-0990-0 **
541-0991-3 **
541-0992-6 **
541-0993-9 **
541-0994-1 **
541-0995-4 **
541-0996-7 **
541-0997-0 **
541-0998-2 **
No. of Contacts
2
3
4
5
6
7
8
9
10
11
12
13
14
15
A
02.5
05.0
07.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
B
07.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
37.5
40.0
RoHS
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com