Electronic Components Datasheet Search
  English  ▼

X  

DF1E Datasheet(PDF) 9 Page - Hirose Electric

Part # DF1E
Description  2.5mm Pitch Connectors for Full Lock and Discrete Wire Connection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1E Datasheet(HTML) 9 Page - Hirose Electric

Back Button DF1E Datasheet HTML 5Page - Hirose Electric DF1E Datasheet HTML 6Page - Hirose Electric DF1E Datasheet HTML 7Page - Hirose Electric DF1E Datasheet HTML 8Page - Hirose Electric DF1E Datasheet HTML 9Page - Hirose Electric DF1E Datasheet HTML 10Page - Hirose Electric DF1E Datasheet HTML 11Page - Hirose Electric DF1E Datasheet HTML 12Page - Hirose Electric DF1E Datasheet HTML 13Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
B154
DF1E Series
●2.5mm Pitch Connectors for Full Lock and Discrete Wire Connection
■In-line Plug
Note 1 : A packaging quantity is delivered by the bag unit (100 pcs.). If needed, please order the products per bag. However, the quantity
for delivery will be changed according to the Specific No.
Note 2 : In regard to 2 to 5 contacts, the retainer fixed convex portions are located at both ends.
Note 3 : 2 to 7 contacts do not contain two convex portions, which is different from the above figure.
Note 4 : Styles of 2 to 4 contacts partially differ from the above figures.
* Refer to page B156 for retainer.
Part No.
No. of Contacts
A
B
RoHS
HRS No.
Contact No. mark
Contact
No. mark
Contact
No. mark
Mold Cavity
No. mark
Contact
No.1 indicated
Note 2
Note 3
3
5
7
9
10
1
P=2.5
B
A
A
10
DF1EA-02EP-2.5C
DF1EA-03EP-2.5C
DF1EA-04EP-2.5C
DF1EA-05EP-2.5C
DF1EA-06EP-2.5C
DF1EA-07EP-2.5C
DF1EA-08EP-2.5C
DF1EA-09EP-2.5C
DF1EA-10EP-2.5C
541-0957-5
541-0958-8
541-0959-0
541-0960-0
541-0961-2
541-0962-5
541-0963-8
541-0964-0
541-0965-3
2
3
4
5
6
7
8
9
10
08.0
10.5
13.0
15.5
18.0
20.5
23.0
25.5
28.0
02.5
05.0
07.5
10.0
12.5
15.0
17.5
20.0
22.5
Yes
Photo: Contact Inserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com