Electronic Components Datasheet Search
  English  ▼

X  

DF1E Datasheet(PDF) 11 Page - Hirose Electric

Part # DF1E
Description  2.5mm Pitch Connectors for Full Lock and Discrete Wire Connection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1E Datasheet(HTML) 11 Page - Hirose Electric

Back Button DF1E Datasheet HTML 6Page - Hirose Electric DF1E Datasheet HTML 7Page - Hirose Electric DF1E Datasheet HTML 8Page - Hirose Electric DF1E Datasheet HTML 9Page - Hirose Electric DF1E Datasheet HTML 10Page - Hirose Electric DF1E Datasheet HTML 11Page - Hirose Electric DF1E Datasheet HTML 12Page - Hirose Electric DF1E Datasheet HTML 13Page - Hirose Electric DF1E Datasheet HTML 14Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
B156
DF1E Series
●2.5mm Pitch Connectors for Full Lock and Discrete Wire Connection
BRetainer
Note 1 : A packaging quantity is delivered by the bag unit (100 pcs.). If needed, please order the products per bag. However, the quantity
for delivery will be changed according to spec number.
Note 2 : The 2 to 4 contacts contain socket and plug fixed holes at both ends.
* This retainer can be used together with the socket and In-line plug.
Part No.
No. of Contacts
A
B
RoHS
HRS No.
Mold Cavity
No. mark
Contact No. mark
1.9
A
P = 2.5
B
0.7
1.7
Note2
Note2
1 0
A
DF1E-02RS/P-2.5
DF1E-03RS/P-2.5
DF1E-04RS/P-2.5
DF1E-05RS/P-2.5
DF1E-06RS/P-2.5
DF1E-07RS/P-2.5
DF1E-08RS/P-2.5
DF1E-09RS/P-2.5
DF1E-10RS/P-2.5
541-0971-6
541-0972-9
541-0973-1
541-0974-4
541-0975-7
541-0976-0
541-0977-2
541-0978-5
541-0979-8
2
3
4
5
6
7
8
9
10
08.0
10.5
13.0
15.5
18.0
20.5
23.0
25.5
28.0
02.5
05.0
07.5
10.0
12.5
15.0
17.5
20.0
22.5
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com