Electronic Components Datasheet Search
  English  ▼

X  

DF1E Datasheet(PDF) 12 Page - Hirose Electric

Part # DF1E
Description  2.5mm Pitch Connectors for Full Lock and Discrete Wire Connection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1E Datasheet(HTML) 12 Page - Hirose Electric

Back Button DF1E Datasheet HTML 6Page - Hirose Electric DF1E Datasheet HTML 7Page - Hirose Electric DF1E Datasheet HTML 8Page - Hirose Electric DF1E Datasheet HTML 9Page - Hirose Electric DF1E Datasheet HTML 10Page - Hirose Electric DF1E Datasheet HTML 11Page - Hirose Electric DF1E Datasheet HTML 12Page - Hirose Electric DF1E Datasheet HTML 13Page - Hirose Electric DF1E Datasheet HTML 14Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
B157
DF1E Series
●2.5mm Pitch Connectors for Full Lock and Discrete Wire Connection
BPlug Crimping Contact
0.68
0.64
Part No.
DF1E-2022PCF
DF1E-2022PC
DF1E-2428PCF
DF1E-2428PC
DF1E-2022PCFA
DF1E-2022PCA
DF1E-2428PCFA
DF1E-2428PCA
541-0937-8
541-0938-0
541-0939-3
541-0940-2
541-1003-0
541-1004-3
541-1005-6
541-1006-9
Ø1.2 to 1.9mm
Ø1.8mm
Ø1.6mm
Ø0.9 to 1.5mm
Ø1.5mm
Ø1.3mm
Ø1.2mm
Ø1.2 to 1.9mm
Ø1.8mm
Ø1.6mm
Ø0.9 to 1.5mm
Ø1.5mm
Ø1.3mm
Ø1.2mm
1007
1061
1007
1007
1061
1007
1007
1061
1007
1007
1061
1007
20 AWG
22 AWG
20 AWG
22 AWG
24 AWG
26 AWG
28 AWG
24 AWG
26 AWG
28 AWG
20 AWG
22 AWG
20 AWG
22 AWG
24 AWG
26 AWG
28 AWG
24 AWG
26 AWG
28 AWG
21/0.18
17/0.16
21/0.18
17/0.16
11/0.16
7/0.16
7/0.127
11/0.16
7/0.16
7/0.127
21/0.18
17/0.16
21/0.18
17/0.16
11/0.16
7/0.16
7/0.127
11/0.16
7/0.16
7/0.127
10,000 / reel
100 / pack
10,000 / reel
100 / pack
10,000 / reel
100 / pack
10,000 / reel
100 / pack
Tin plated
Gold plated
Yes
Applicable Cable
Jacket Diameter
UL Style
Wire Size
Stranded Wire Conductor
HRS No.
Packaging
Finish
RoHS
Note 1 : Crimping Contact Extraction Tool DF-C-PO(B)
Note 2 : Applicable wire with tin plated solid soft conductor.
Note 3 : When using other than the recommended wire, contact your nearest Hirose representative.
Note 4 : Strip length : 3.0 to 3.7mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com