Electronic Components Datasheet Search
  English  ▼

X  

DF1E Datasheet(PDF) 14 Page - Hirose Electric

Part # DF1E
Description  2.5mm Pitch Connectors for Full Lock and Discrete Wire Connection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1E Datasheet(HTML) 14 Page - Hirose Electric

Back Button DF1E Datasheet HTML 6Page - Hirose Electric DF1E Datasheet HTML 7Page - Hirose Electric DF1E Datasheet HTML 8Page - Hirose Electric DF1E Datasheet HTML 9Page - Hirose Electric DF1E Datasheet HTML 10Page - Hirose Electric DF1E Datasheet HTML 11Page - Hirose Electric DF1E Datasheet HTML 12Page - Hirose Electric DF1E Datasheet HTML 13Page - Hirose Electric DF1E Datasheet HTML 14Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
B159
DF1E Series
●2.5mm Pitch Connectors for Full Lock and Discrete Wire Connection
BCrimping Tools
BPrecautions
1. Recommended Soldering Condition
Flow : 260ç for 10 seconds
Manual soldering : 300ç for 3 seconds
2. Cleaning Condition
Refer to Wire-to-Board Connector Use Hand book.
However, if the connector is cleaned by the potting header, the detergent remains within the
connector, which will cause malfunction.
3. Connection Condition
Refer to Wire-to-Board Connector Use Hand book.
4. Cautions
● To remove the connector, if the connector is forcedly removed, it will cause connector
damage. If the connector is hardly removed, slightly push the connector once, and then
remove it using the lock.
● In some method for laying the cable within equipment, a tension may be applied to the
cable so as to remove the contact. In this case, it is recommended to use the retainer.
● Incomplete insertion of the contact can be prevented by mounting a retainer; however,
mounting of a retainer might not be possible when the contact protrudes beyond the
socket. Insert the contact securely and then mount the retainer.
● If the potting process is implemented, it is desirable to fill the connector with resin,
considering the resin surface tensile force.
● The color phase of this product may be slightly different from that of the forming product
according to the manufacturing lot and future storage conditions, however the difference
doesn't affect the performance.
5. Precautions
Refer to Wire-to-Board Connector Use Hand book.
HRS No.
Applicable Contact
Applicator
901-4561-0
DF1E-2022SCF
DF1E-2022SCFA
901-4510-9
DF1B-2022SCF
DF1B-2022SCFA
901-4518-0
DF1B-2428SCF
DF1B-2428SCFA
901-4517-8
DF1B-30SCF
DF1B-30SCFA
901-4509-0
DF1E-2022PCF
DF1E-2022PCFA
901-4521-5
DF1E-2428PCF
DF1E-2428PCFA
Main Press Unit
901-0001-0
―――
Manual Crimping Tool
550-0277-1
DF1E-2022SC
550-0182-7
DF1B-2022SC
DF1B-2022SCA
550-0209-1
DF1B-2428SC
DF1B-2428SCA
550-0211-3
DF1B-30SC
DF1B-30SCA
550-0278-4
DF1E-2022PC
550-0279-7
DF1E-2428PC
Item
Contact Extraction Tool
550-0179-2
DF1E-2022SC
(F)
(A)
DF1B-
****SC(F)
(A)
DF1E-
****PC(F)
(A)
Note 1 : Add "K
K
" to the last number of the product, in order to use DF1B series tools, which have been conventionally merchandized.
Note 2 : If any trouble has occurred due to other tools, which are not designated by Hirose, Hirose won't guarantee any products.
Note 3 : For the crimping process, refer to "crimping quality standards" and "crimping condition".
Part No.
AP105-DF1E-2022S
AP105-DF1B-2022S
AP105-DF1B-2428S
AP105-DF1B-30S
AP105-DF1B-2022P
AP105-DF1B-2428P
CM-105C
HT102/DF1E-2022S
DF1B-TA2022SHC
DF1B-TA2428SHC
DF1B-TA30SHC
HT102/DF1BE-2022P
HT102/DF1BE-2428P
DF-C-PO
(B)
◎
◎
◎
◎
◎
◎
◎
◎
◎



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com