Electronic Components Datasheet Search
  English  ▼

X  

DF1E Datasheet(PDF) 4 Page - Hirose Electric

Part # DF1E
Description  2.5mm Pitch Connectors for Full Lock and Discrete Wire Connection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1E Datasheet(HTML) 4 Page - Hirose Electric

  DF1E Datasheet HTML 1Page - Hirose Electric DF1E Datasheet HTML 2Page - Hirose Electric DF1E Datasheet HTML 3Page - Hirose Electric DF1E Datasheet HTML 4Page - Hirose Electric DF1E Datasheet HTML 5Page - Hirose Electric DF1E Datasheet HTML 6Page - Hirose Electric DF1E Datasheet HTML 7Page - Hirose Electric DF1E Datasheet HTML 8Page - Hirose Electric DF1E Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
B149
DF1E Series
●2.5mm Pitch Connectors for Full Lock and Discrete Wire Connection
BApplication Pattern
BMated Dimensions
Pin Header
●Straight Type
●Right Angle Type
In-line Plug
●In-line Plug (Panel Mount Lock Type)
Photo: Contact Inserted
●In-line Plug
Photo: Contact Inserted
Retainer
●Straight Potting Type
Socket
Photo : Contact Inserted
●Standard Header
●Header for Potting
●Panel Mounting Lock In-line Plug
●In-line Plug
3.7
DF1E _ * S _ 2.5 C
DF1E# _ * P _ 2.5 DSA
DF1E _ * RS / P _ 2.5
DF1E _ * S _ 2.5 C
DF1E _ * P _ 2.5 DS (**)
DF1E _ * RS / P _ 2.5
18.8
17.3
10.8
3
14.3
8.5
8
3.2
Potting Resin
DF1E _ * S _ 2.5 C
DF1E _ * RS / P _ 2.5
DF1E# _ * P _ 2.5 DSA
DF1E _ * RS / P _ 2.5
DF1E _ * S _ 2.5 C
DF1E _ * EP _ 2.5 C
DF1E _ * RS / P _ 2.5
25.3
22.3
17
15.5
DF1E _ * RS / P _ 2.5
DF1E _ * S _ 2.5 C
DF1EA _ * EP _ 2.5 C
DF1E _ * RS / P _ 2.5
25.3
22.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com