Electronic Components Datasheet Search
  English  ▼

X  

DF1E Datasheet(PDF) 1 Page - Hirose Electric

Part # DF1E
Description  2.5mm Pitch Connectors for Full Lock and Discrete Wire Connection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1E Datasheet(HTML) 1 Page - Hirose Electric

  DF1E Datasheet HTML 1Page - Hirose Electric DF1E Datasheet HTML 2Page - Hirose Electric DF1E Datasheet HTML 3Page - Hirose Electric DF1E Datasheet HTML 4Page - Hirose Electric DF1E Datasheet HTML 5Page - Hirose Electric DF1E Datasheet HTML 6Page - Hirose Electric DF1E Datasheet HTML 7Page - Hirose Electric DF1E Datasheet HTML 8Page - Hirose Electric DF1E Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
B146
2.5mm Pitch Connectors for Full Lock and Discrete Wire Connection
DF1E Series
8. Various Applications
With the same series, various applications can
be used for the board solder dip type and in-
line.
9. Listed by UL, C-UL
10. Glow wire compliance
(Compliant with IEC 60695-2-11)
■Features
1. Full Lock Function Added
The inner lock system adopts a full lock mechanism.
This mechanism prevents disengagement to occur due to
an unexpected external shock. (Fig.1)
2. Increase in Crimping Contact Fixation Force and
Semi-insertion Prevention
The double lock is activated for the use method to give a
stress to the cable, to increase crimping contact fixation
force, and to prevent the semi-insertion of the crimping
contact. (Fig.2)
3. Mold Lance Adopted
Since the contact lance may be deformed involving in the
contact after the crimping process, the mold lance has been
adopted.
4. Mis-insertion Prevention
Equipped with the mechanism to completely prevent reverse
insertion and insertion between dissimilar contacts. (Fig.1)
5. Means to Prevent Solder Crack
The glass enforcement resin is adopted for the pin header to
prevent a solder crack to occur due to heat compression.
6. Correspond to Potting
Corresponding to potting, the pin header is provided for
product variations.
Corresponding to potting up to 8mm and mounting height
19.8mm (no retainer), the low profile is achieved.
7. Production Facility Cost Reduction
The female crimping contact uses the DF1B series crimping
contact, which has been conventionally marketed.
Investment for new facilities isn't needed. However, if the
retainer is installed in the cable with 22 AWG or more wire,
use the DF1E crimping contact. The female crimping
contact for in-line is used together with the DF1B applicator.
Therefore, no investment is needed for new facilities.
Full lock function
added
Fig.2
Fig.1
Double lock
engaged
Inner-lock system
full lock mechanism
Mis-insertion
prevention
Double lock
engaged
UL, C-UL Listed


Similar Part No. - DF1E

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1E-02EP-2.5C HIROSE-DF1E-02EP-2.5C Datasheet
308Kb / 16P
2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1E-02P-2.5DS HIROSE-DF1E-02P-2.5DS Datasheet
398Kb / 16P
2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1E-02P-2.5DS HIROSE-DF1E-02P-2.5DS Datasheet
308Kb / 16P
2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1E-02P-2.5DS HIROSE-DF1E-02P-2.5DS_1 Datasheet
308Kb / 16P
2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1E-02RS/P-2.5 HIROSE-DF1E-02RS/P-2.5 Datasheet
308Kb / 16P
2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
More results

Similar Description - DF1E

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1-2S-2.5R24 HIROSE-DF1-2S-2.5R24 Datasheet
238Kb / 7P
2.5mm Pitch Connector for Discrete Wire Connection
DF1B-2S-2.5R HIROSE-DF1B-2S-2.5R Datasheet
544Kb / 17P
2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1E-02P-2.5DS HIROSE-DF1E-02P-2.5DS Datasheet
398Kb / 16P
2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
HNC2-2.5P-2DSL HIROSE-HNC2-2.5P-2DSL Datasheet
210Kb / 7P
2.5mm Pitch Connector for Discrete Wire Connection
DF1E-02P-2.5DS HIROSE-DF1E-02P-2.5DS_1 Datasheet
308Kb / 16P
2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1B-3P-2.5DS HIROSE-DF1B-3P-2.5DS Datasheet
364Kb / 19P
2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1EC-4P-2.5DSA HIROSE-DF1EC-4P-2.5DSA Datasheet
309Kb / 16P
2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1-5A1.33 HIROSE-DF1-5A1.33 Datasheet
211Kb / 8P
2.5mm Pitch Connector for Discrete Wire Connection
DF1 HIROSE-DF1 Datasheet
197Kb / 7P
2.5mm Pitch Connector for Discrete Wire Connection
DF1B HIROSE-DF1B Datasheet
386Kb / 19P
2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com