Electronic Components Datasheet Search
  English  ▼

X  

AD7616 Datasheet(PDF) 40 Page - Analog Devices

Part # AD7616
Description  16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7616 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD7616 Datasheet HTML 36Page - Analog Devices AD7616 Datasheet HTML 37Page - Analog Devices AD7616 Datasheet HTML 38Page - Analog Devices AD7616 Datasheet HTML 39Page - Analog Devices AD7616 Datasheet HTML 40Page - Analog Devices AD7616 Datasheet HTML 41Page - Analog Devices AD7616 Datasheet HTML 42Page - Analog Devices AD7616 Datasheet HTML 43Page - Analog Devices AD7616 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
Data Sheet
AD7616
Rev. 0 | Page 39 of 50
If the CRC function is enabled, a CRC is calculated on the
conversion results for Channel VxA and Channel VxB. The
CRC is calculated and transferred on the serial or parallel
interface after the conversion results are transmitted, depending
on the configuration of the device. The Hamming distance
varies relative to the number of bits in the conversion result. For
conversions with ≤119 bits, the Hamming distance is 4. For
>119 bits, the Hamming distance is 1, that is, 1-bit errors are
always detected.
The following is a pseudocode description of how the CRC is
implemented in the AD7616:
crc = 8’b0;
i = 0;
x = number of conversion channel pairs;
for (i=0, i<x, i++) begin
crc1 = crc_out(An,Crc);
crc = crc_out(Bn,Crc1);
i = i +1;
end
where the function crc_out(data, crc) is
crc_out[0] = data[14] ^ data[12] ^ data[8] ^
data[7] ^ data[6] ^ data[0] ^ crc[0] ^
crc[4] ^ crc[6];
crc_out[1] = data[15] ^ data[14] ^ data[13]
^ data[12] ^ data[9] ^ data[6] ^ data[1] ^
data[0] ^ crc[1] ^ crc[4] ^ crc[5] ^ crc[6]
^ crc[7];
crc_out[2] = data[15] ^ data[13] ^ data[12]
^ data[10] ^ data[8] ^ data[6] ^ data[2] ^
data[1] ^ data[0] ^ crc[0] ^ crc[2] ^ crc[4]
^ crc[5] ^ crc[7];
crc_out[3] = data[14] ^ data[13] ^ data[11]
^ data[9] ^ data[7] ^ data[3] ^ data[2] ^
data[1] ^ crc[1] ^ crc[3] ^ crc[5] ^ crc[6];
crc_out[4] = data[15] ^ data[14] ^ data[12]
^ data[10] ^ data[8] ^ data[4] ^ data[3] ^
data[2] ^ crc[0] ^ crc[2] ^ crc[4] ^ crc[6]
^ crc[7];
crc_out[5] = data[15] ^ data[13] ^ data[11]
^ data[9] ^ data[5] ^ data[4] ^ data[3] ^
crc[1] ^ crc[3] ^ crc[5] ^ crc[7];
crc_out[6] = data[14] ^ data[12] ^ data[10]
^ data[6] ^ data[5] ^ data[4] ^ crc[2] ^
crc[4] ^ crc[6];
crc_out[7] = data[15] ^ data[13] ^ data[11]
^ data[7] ^ data[6] ^ data[5] ^ crc[3] ^
crc[5] ^ crc[7];
The initial CRC word used by the AD7616 is an 8-bit word
equal to zero. The XOR operation described in the preceding
code is executed to calculate each bit of the CRC word for the
conversion result, AN. This CRC word (crc1) is then used as the
starting point for calculating the CRC word (crc) for the
conversion result, BN. The process repeats cyclically for each
channel pair converted.
Depending on the mode of operation of the AD7616, the status
register value is appended to the conversion data and read out
via an extra read command over the serial or parallel interface.
The user can then repeat the XOR calculation described in the
preceding code for the received conversion results to check
whether both CRC words match. See Figure 68 or a description
of how the CRC word is appended to the data for each mode of
operation.
Figure 68. CRC Readback for All Modes
CONVST
BUSY
Ax
Bx
CRCAB(x)
DATA
Ax
Bx
Az
Bz
CRCAB(x:z)
DATA
Ax
CRCAB(x)
SDOA
Bx
CRCAB(x)
SDOB
Ax
Az
CRCAB(x:z)
SDOA
Bx
Bz
CRCAB(x:z)
SDOB
PARALLEL/SERIAL (1-WIRE),
SEQUENCER/MANUAL MODE
PARALLEL/SERIAL (1-WIRE),
BURST
SERIAL (2-WIRE),
SEQUENCER/MANUAL MODE
SERIAL (2-WIRE),
BURST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com