Electronic Components Datasheet Search
  English  ▼

X  

AD7616 Datasheet(PDF) 42 Page - Analog Devices

Part # AD7616
Description  16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7616 Datasheet(HTML) 42 Page - Analog Devices

Back Button AD7616 Datasheet HTML 38Page - Analog Devices AD7616 Datasheet HTML 39Page - Analog Devices AD7616 Datasheet HTML 40Page - Analog Devices AD7616 Datasheet HTML 41Page - Analog Devices AD7616 Datasheet HTML 42Page - Analog Devices AD7616 Datasheet HTML 43Page - Analog Devices AD7616 Datasheet HTML 44Page - Analog Devices AD7616 Datasheet HTML 45Page - Analog Devices AD7616 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 51 page
background image
Data Sheet
AD7616
Rev. 0 | Page 41 of 50
ADDRESSING REGISTERS
The seven MSBs written to the device are decoded to determine which register is addressed. The seven MSBs consist of the register
address (REGADDR), Bits[5:0], and the read/write bit. The register address bits determine which on-chip register is selected. The
read/write bit determines if the remaining nine bits of data on the DB10/SDI lines are loaded into the addressed register. If the read/write
bit is 1, the bits load into the register addressed by the register select bits. If the read/write bit is 0, the command is seen as a read request.
The addressed register data is available to be read during the next read operation.
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8 to D0
W/R
REGADDR[5]
REGADDR[4]
REGADDR[3]
REGADDR[2]
REGADDR[1]
REGADDR[0]
DATA[8:0]
Table 20.
Bit s
Mnemonic
Description
D15
W/R
If a 1 is written to this bit, Bits[D8:D0] of this register are written to the register specified by REGADDR[5:0].
Alternatively, if a 0 is written, the next operation is a read from the designated register.
D14
REGADDR[5]
If a 1 is written to this bit, the contents of REGADDR[4:0] specifies the 32 sequencer stack registers.
Alternatively, if a 0 is written to this bit, a register is selected as defined by REGADDR[4:0].
[D13:D9]
REGADDR[4:0]
When W/R =1, the contents of REGADDR[4:0] determine register for selection as follows:
00001: reserved.
00010: selects the configuration register.
00011: selects the channel register.
00100: selects Input Range Register A1.
00101: selects Input Range Register A2.
00110: selects Input Range Register B1.
00111: selects Input Range Register B2.
01000: selects the status register
When W/R = 0, and REGADDR[4:0] contains 00000, the conversion codes are read.
[D8:D0]
DATA[8:0]
These bits are written into the corresponding register specified by Bits REGADDR[5:0]. See the following
sections for detailed descriptions of each register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com