Electronic Components Datasheet Search
  English  ▼

X  

AD7616 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7616
Description  16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7616 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7616 Datasheet HTML 2Page - Analog Devices AD7616 Datasheet HTML 3Page - Analog Devices AD7616 Datasheet HTML 4Page - Analog Devices AD7616 Datasheet HTML 5Page - Analog Devices AD7616 Datasheet HTML 6Page - Analog Devices AD7616 Datasheet HTML 7Page - Analog Devices AD7616 Datasheet HTML 8Page - Analog Devices AD7616 Datasheet HTML 9Page - Analog Devices AD7616 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
Data Sheet
AD7616
Rev. 0 | Page 5 of 50
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
LOGIC OUTPUTS
Output Voltage
High (VOH)
ISOURCE = 100 μA
VDRIVE − 0.2
V
Low (VOL)
ISINK = 100 μA
0.4
V
Floating State Leakage Current
±0.005
±1
μA
Floating State Output Capacitance6
5
pF
Output Coding
Twos complement
CONVERSION RATE
Conversion Time
Per channel pair
0.5
μs
Acquisition Time
Per channel pair
0.5
μs
Throughput Rate
Per channel pair
1
MSPS
POWER REQUIREMENTS
VCC
4.75
5.25
V
VDRIVE
2.3
3.6
V
IVCC
Normal Mode
Static
37
57
mA
Operational
fSAMPLE = 1 MSPS
42
65
mA
Shutdown Mode
28
μA
IDRIVE
Digital inputs = 0 V or VDRIVE
Normal Mode
Static
0.3
0.75
mA
Operational
fSAMPLE = 1 MSPS
7
8
mA
Shutdown Mode
50
μA
Power Dissipation
Normal Mode
Static
185
300
mW
Operational
fSAMPLE = 1 MSPS
230
350
mW
Shutdown Mode
0.75
mW
1 See the Terminology section.
2 The user can achieve 93 dB SNR by enabling oversampling. The values are valid for manual mode. In burst mode, values degrade by ~1 dB.
3 Not production tested. Sample tested during initial release to ensure compliance.
4 LSB means least significant bit. With a ±2.5 V input range, 1 LSB = 76.293 μV. With a ±5 V input range, 1 LSB = 152.58 μV. With a ±10 V input range, 1 LSB = 305.175 μV.
5 Positive and negative full-scale error for the internal reference excludes reference errors.
6 Supported by simulation data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com