Electronic Components Datasheet Search
  English  ▼

X  

AD7616 Datasheet(PDF) 47 Page - Analog Devices

Part # AD7616
Description  16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7616 Datasheet(HTML) 47 Page - Analog Devices

Back Button AD7616 Datasheet HTML 43Page - Analog Devices AD7616 Datasheet HTML 44Page - Analog Devices AD7616 Datasheet HTML 45Page - Analog Devices AD7616 Datasheet HTML 46Page - Analog Devices AD7616 Datasheet HTML 47Page - Analog Devices AD7616 Datasheet HTML 48Page - Analog Devices AD7616 Datasheet HTML 49Page - Analog Devices AD7616 Datasheet HTML 50Page - Analog Devices AD7616 Datasheet HTML 51Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
AD7616
Data Sheet
Rev. 0 | Page 46 of 50
INPUT RANGE REGISTER B1
Address: 0x06, Reset: 0x00FF, Name: Input Range Register B1
Table 25. Bit Descriptions for Input Range Register B1
Bits
Bit Name
Settings
Description
Reset
Access
[15:9]
Addressing
Bits[15:9] define the address of the relevant register. See the Addressing Registers
section for further details.
0x0
R/W
8
RESERVED
Reserved.
0x0
R/W
[7:6]
V3B
V3B voltage range selection.
0x3
R/W
00
V3B ± 10 V.
01
V3B ± 2.5 V.
10
V3B ± 5 V.
11
V3B ± 10 V.
[5:4]
V2B
V2B voltage range selection.
0x3
R/W
00
V2B ± 10 V.
01
V2B ± 2.5 V.
10
V2B ± 5 V.
11
V2B ± 10 V.
[3:2]
VB1
VB1 voltage range selection.
0x3
R/W
00
VB1 ± 10 V.
01
VB1 ± 2.5 V.
10
VB1 ± 5 V.
11
VB1 ± 10 V.
[1:0]
V0B
V0B voltage range selection.
0x3
R/W
00
V0B ± 10 V.
01
V0B ± 2.5 V.
10
V0B ± 5 V.
11
V0B ± 10 V.
VB0 Voltage Range Selection
11: V0B+/-10V.
10: V0B+/-5V.
1: V0B+/-2.5V.
0: V0B+/-10V.
VB1 Voltage Range Selection
11: V1B+/-10V.
10: V1B+/-5V.
1: V1B+/-2.5V.
0: V1B+/-10V.
VB3 Voltage Range Selection
0: V3B+/-10V.
11: V3B+/-10V.
1: V3B+/-2.5V.
10: V3B+/-5V.
VB2 Voltage Range Selection
11: V2B+/-10V.
10: V2B+/-5V.
1: V2B+/-2.5V.
0: V2B+/-10V.
0
1
1
1
2
1
3
1
4
1
5
1
6
1
7
1
8
0
9
0
10
0
11
0
12
0
13
0
14
0
15
0
[15:9] Addressing (R/W)
[1:0] V0B (R/W)
[8] RESERVED
[3:2] V1B (R/W)
[7:6] V3B (R/W)
[5:4] V2B (R/W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com