Electronic Components Datasheet Search
  English  ▼

X  

AD7616 Datasheet(PDF) 34 Page - Analog Devices

Part # AD7616
Description  16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7616 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD7616 Datasheet HTML 30Page - Analog Devices AD7616 Datasheet HTML 31Page - Analog Devices AD7616 Datasheet HTML 32Page - Analog Devices AD7616 Datasheet HTML 33Page - Analog Devices AD7616 Datasheet HTML 34Page - Analog Devices AD7616 Datasheet HTML 35Page - Analog Devices AD7616 Datasheet HTML 36Page - Analog Devices AD7616 Datasheet HTML 37Page - Analog Devices AD7616 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
Data Sheet
AD7616
Rev. 0 | Page 33 of 50
SERIAL INTERFACE
To interface to the AD7616 over the SPI, the SER/PAR pin must
be tied high. The CS and SCLK signals transfer data from the
AD7616. The AD7616 has two serial data output pins, SDOA
and SDOB. Data is read back from the AD7616 using serial
1-wire or serial 2-wire mode.
In serial 2-wire mode for the AD7616, conversion results from
Channel V0A to Channel V7A appear on SDOA, and conversion
results from Channel V0B to Channel V7B appear on SDOB.
In serial 1-wire mode, conversion results from Channel V0B
to Channel V7B are interlaced with conversion results from
Channel V0A to Channel V7A. To achieve the maximum
throughput, it is required to use 2-wire mode.
To read back data over both SDOA and SDOB, the SER1W pin
must be tied high. If data is to be read back over SDOA only, the
SER1W pin must be tied low. Serial 1-wire or 2-wire mode is
configured when the AD7616 is released from full reset.
Reading Conversion Results
The CONVST signal initiates the conversion process. A low to
high transition on the CONVST signal initiates a conversion of
the selected inputs. The BUSY signal goes high to indicate a
conversion is in progress. When the BUSY signal transitions
from high to low to indicate that a conversion is complete, it is
possible to read back conversion results on the serial interface.
The CS falling edge takes the data output lines, SDOA and SDOB,
out of three-state and clocks out the MSB of the conversion
result. The rising edge of SCLK clocks all subsequent data bits
onto the serial data outputs, SDOA and SDOB. Figure 57 shows
a read of two simultaneous conversion results using two SDOx
lines on the AD7616. If the status register is appended to the
conversion results or operating in sequencer burst mode where
multiples of 16 SCLK transfers access data from the AD7616,
hold CS low to frame the entire data. Data can also be clocked
out using just one SDOx line, in which case SDOA must be used
to access all conversion data. For the AD7616 to access both
Channel VxA and Channel VxB conversion results on one
SDOx line, a total of 32 SCLK cycles is required. Frame these
32 SCLK cycles using one CS signal, or individually frame each
group of 16 SCLK cycles using the CS signal. The disadvantage
of using just one SDOx line is that the throughput rate is reduced.
Leave the unused SDOB line unconnected in serial 1-wire
mode. If using SDOA as a single serial data output line, the
channel results are output in the following order: VxA and VxB.
Figure 58 shows a 1-wire, serial readback operation.
The speed at which the data can be read back in serial interface
mode is dependent on SPI frequency, VDRIVE supply, and the
capacitance of the load on the SDO line, CLOAD. Table 14 shows a
summary of the maximum speed achievable for various conditions.
Table 14. SPI Frequency vs. Load Capacitance and VDRIVE
VDRIVE (V)
CLOAD (pF)
SPI Frequency (MHz)
2.3 to 3
20
40
3 to 3.6
30
50
Figure 57. Serial Interface, 2-Wire Mode
Figure 58. Serial Interface, 1-Wire Mode
CONVST
BUSY
CS
1
2
3
141516
SCLK
SDOA
DB15
DB14
DB13
DB2
DB1
DB0
DB15
DB14
DB13
DB2
DB1
DB0
SDOB
CHANNEL VAx RESULT
CHANNEL VBx RESULT
CONVST
BUSY
CS
1
2
15
16
17
18
31
32
SCLK
DB15
DB14
DB1
DB0
DB15
DB14
DB1
DB0
SDOA
CHANNEL VAx RESULT
CHANNEL VBx RESULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com