Electronic Components Datasheet Search
  English  ▼

X  

AD7616 Datasheet(PDF) 50 Page - Analog Devices

Part # AD7616
Description  16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7616 Datasheet(HTML) 50 Page - Analog Devices

Back Button AD7616 Datasheet HTML 43Page - Analog Devices AD7616 Datasheet HTML 44Page - Analog Devices AD7616 Datasheet HTML 45Page - Analog Devices AD7616 Datasheet HTML 46Page - Analog Devices AD7616 Datasheet HTML 47Page - Analog Devices AD7616 Datasheet HTML 48Page - Analog Devices AD7616 Datasheet HTML 49Page - Analog Devices AD7616 Datasheet HTML 50Page - Analog Devices AD7616 Datasheet HTML 51Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 50 / 51 page
background image
Data Sheet
AD7616
Rev. 0 | Page 49 of 50
STATUS REGISTER
The status register is a 16-bit read only register. If the STATUSEN bit or the CRCEN bit is set to Logic 1 in the configuration register, the
status register is read out at the end of all conversion words for the selected channels, including the self test channel if enabled in
sequencer mode. Consult the CRC section and Figure 68.
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
A[3:0]
B[3:0]
CRC[7:0]
Table 28. Bit Descriptions for Status Register
Bit
Bit Name
Settings
Description
Reset1
Access
[D15:D12]
A[3:0]
Channel index for previous conversion result on Channel A.
N/A
R
[D11:D8]
B[3:0]
Channel index for previous conversion result on Channel B.
N/A
R
[D7:D0]
CRC[7:0]
CRC calculation for the previous conversion result(s). Refer to the CRC section
for further details.
N/A
R
1 N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com