Electronic Components Datasheet Search
  English  ▼

X  

DS1852 Datasheet(PDF) 17 Page - Dallas Semiconductor

Part # DS1852
Description  Optical Transceiver Diagnostic Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1852 Datasheet(HTML) 17 Page - Dallas Semiconductor

Back Button DS1852 Datasheet HTML 13Page - Dallas Semiconductor DS1852 Datasheet HTML 14Page - Dallas Semiconductor DS1852 Datasheet HTML 15Page - Dallas Semiconductor DS1852 Datasheet HTML 16Page - Dallas Semiconductor DS1852 Datasheet HTML 17Page - Dallas Semiconductor DS1852 Datasheet HTML 18Page - Dallas Semiconductor DS1852 Datasheet HTML 19Page - Dallas Semiconductor DS1852 Datasheet HTML 20Page - Dallas Semiconductor DS1852 Datasheet HTML 21Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
DS1852
17 of 25
Table 03h (Upper)
Address
Byte 0
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
Byte 7
bits<7-0>
bits<7-0>
bits<7-0>
bits<7-0>
bits<7-0>
bits<7-0>
bits<7-0>
bits<7-0>
HI ALARM
LO ALARM
HI WARN
LO WARN
80h
T alarm MSB T alarm LSB T alarm MSB T alarm LSB T warn MSB
T warn LSB
T warn MSB T warn LSB
88h
V alarm MSB V alarm LSB V alarm MSB V alarm LSB V warn MSB
V warn LSB V warn MSB V warn LSB
90h
B alarm MSB B alarm LSB B alarm MSB B alarm LSB B warn MSB
B warn LSB B warn MSB B warn LSB
98h
P alarm MSB P alarm LSB P alarm MSB P alarm LSB P warn MSB
P warn LSB
P warn MSB P warn LSB
A0h
R alarm MSB R alarm LSB R alarm MSB R alarm LSB R warn MSB
R warn LSB R warn MSB R warn LSB
A8h
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
B0h
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
B8h
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
C0h
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
C8h
V-ad scale MSB
V-ad scale LSB
B-ad scale MSB B-ad scale LSB
P-ad scale MSB
P-ad scale LSB
R-ad scale MSB R-ad scale LSB
D0h
chip address
reserved
reserved
PW1 Byte 3
PW1 Byte 2
PW1 Byte 1
PW1 Byte 0
reserved
D8h
B Fast trip0
B Fast trip1
B Fast trip2
B Fast trip3
B Fast trip4
B Fast trip5
B Fast trip6
B Fast trip7
E0h
P Fast trip0
P Fast trip1
P Fast trip2
P Fast trip3
R Fast trip0
R Fast trip1
R Fast trip2
R Fast trip3
E8h
config/o-ride
reserved
reserved
reserved
reserved
reserved
reserved
reserved
F0h
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
F8h
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
Address E8h is RAM.
Read Access – Level 2, Write Access – Level 2
Fast-Trip Temperature Relationships
Fast Trip
Byte 0
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
Byte 7
bits<7-0>
bits<7-0>
bits<7-0>
bits<7-0>
bits<7-0>
bits<7-0>
bits<7-0>
bits<7-0>
* B-in
< –8
[-8 to 8)
[8 to 24)
[24 to 40)
[40 to 56)
[56 to 72)
[72 to 88)
³ 88
* P-in
< 8
[8 to 40)
[40 to 72)
³ 72
* R-in
< 8
[8 to 40)
[40 to 72)
³ 72
* There is one degree of hysteresis at transitions only (e.g., for B-in, if temp increases to +8.0
°C then byte 2 is active. It will
remain active until temp reaches +24.0
°C or falls below +7.0°C.).
Table 03h (Expanded)
Byte Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Chip address
b7
b6
b5
b4
b3
b2
b1
X
X-ad scale
MSB*
215
214
213
212
211
210
29
28
X-ad scale
LSB*
27
26
25
24
23
22
21
20
config/O-ride
reserved
reserved
manual AD
alarm
EE Bar
SW-POR
A/D Enable
Manual fast
alarm
reserved
* V-, B-, P- or R- as appropriate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com