Electronic Components Datasheet Search
  English  ▼

X  

DS1852 Datasheet(PDF) 20 Page - Dallas Semiconductor

Part # DS1852
Description  Optical Transceiver Diagnostic Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1852 Datasheet(HTML) 20 Page - Dallas Semiconductor

Back Button DS1852 Datasheet HTML 16Page - Dallas Semiconductor DS1852 Datasheet HTML 17Page - Dallas Semiconductor DS1852 Datasheet HTML 18Page - Dallas Semiconductor DS1852 Datasheet HTML 19Page - Dallas Semiconductor DS1852 Datasheet HTML 20Page - Dallas Semiconductor DS1852 Datasheet HTML 21Page - Dallas Semiconductor DS1852 Datasheet HTML 22Page - Dallas Semiconductor DS1852 Datasheet HTML 23Page - Dallas Semiconductor DS1852 Datasheet HTML 24Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
DS1852
20 of 25
A/D CONVERTERS
(-40°C to +100°C; VCC = 2.7V to 5.5V)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
NOTES
Thermometer Error
TERR
-40°C to +100°C
± 3.0
°C
Conversion Time
tCONVT
12-bit conversion
10
20
ms
Voltage A/D input
VADin
0.0
VCC +
0.3
V
Voltage A/D Offset
VADoff
± 0.25
% FSR
Absolute Voltage A/D
Error
VADerr
± 0.5
% FSR
3
Differential Voltage A/D
Nonlinearity
VADDNL
± 0.25
% FSR
COMPARATORS
(-40°C to +100°C; VCC = 2.7V to 5.5V)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
NOTES
Sample Time
tsamp
810
µs
2
Fast-Trip Input Range
FTrange
0
VCC +
0.3
V
Fast-Trip Absolute Error
FTerr
±1.0
% FSR
Fast-Trip Nonlinearity
FTDNL
±2.0
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com